Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 6 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 6 Page - ams AG

Back Button SL900A Datasheet HTML 2Page - ams AG SL900A Datasheet HTML 3Page - ams AG SL900A Datasheet HTML 4Page - ams AG SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
SL900A – 6
ams Datasheet: 2014-May-06 [v1-01]
Abs o lute M a ximum R a ting s
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 7:
Absolute Maximum Ratings (Operating free-air temperature range, unless otherwise noted)
Absolute Maximum Ratings: This figure shows the absolute maximum ratings of the SL900A.
This integrated circuit can be damaged by ESD. We recommend
that all integrated circuits are handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet the published specifications. RF
integrated circuits are also more susceptible to damage due to
use of smaller protection devices on the RF pins, which are
needed for low capacitive load on these pins.
Figure 8:
Operating Conditions
Parameter
Min
Max
Units
Comments
Input Voltage Range
-0.3
3.7
V
All voltage values are with respect to
substrate ground terminal VSS
Maximum Current VPOS, ANT
100
mA
ESD Rating, HBM (all pins except ANT)
2
kV
ESD Rating, HBM (RF input pin ANT)
500
V
Maximum Operating Virtual Junction
Temperature, TJ
+150
°C
Storage Temperature Range, Tstg
-65
+150
°C
Lead Temperature (soldering, 10 sec.)
+260
°C
Symbol
Parameter
Min
Typ
Max
Units
VBAT
Input Supply Voltage
1.2
1.5
3.6
V
TA
Operating ambient temperature range
-40
+125
°C
Absolute Maximum Ratings
Electrical Discharge Sensitivity
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com