Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 45 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 45 Page - ams AG

Back Button SL900A Datasheet HTML 41Page - ams AG SL900A Datasheet HTML 42Page - ams AG SL900A Datasheet HTML 43Page - ams AG SL900A Datasheet HTML 44Page - ams AG SL900A Datasheet HTML 45Page - ams AG SL900A Datasheet HTML 46Page - ams AG SL900A Datasheet HTML 47Page - ams AG SL900A Datasheet HTML 48Page - ams AG SL900A Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 45
SP I I n te r f a c e
Full and unlimited EEPROM access is possible through the SPI
interface. The primary function of the SPI interface is
production calibration and UID programming, but it can also
be used in application, for the data transmission between the
interrogator and a microcontroller attached to the SPI interface.
The chip has a basic arbitration implemented that controls the
EEPROM access from the RFID interface, the automatic data
logger and the SPI interface. The RFID interface has the highest
priority, second is the automatic data logger, and last is the SPI
interface.
The first 2 bits in the frame are the MODE bits, which define the
SPI operation (00 – Write memory, 01 – Read memory, 10 – Test,
11 – Direct command). The EEPROM address is an 11-bit address
that point to the physical locations in the EEPROM. The write
command can be executed on a single byte, or any number of
successive bytes on a single page (up to 16 bytes). The minimum
number of bytes in the Page write operation is 2. The Read
operation is a continuous operation, so any number of bytes
can be read with a single frame. The address is the starting
address and is automatically incremented in the chip.
The Test MODE is reserved for production testing and cannot
be used in application.
The maximum SCLK frequency is 10MHz at 3V battery supply
(dual cell). With a 1.5V battery supply the maximum frequency
is 2MHz.
Figure 30:
SPI Communication Modes
MODE
EEPROM Address / Command Code
Data
Byte
A15
A14
A13
A12
A11
A10...A0
D7...D0
Write Mode
0
000
0
Physical EEPROM address
DI7 … DI0
Page Write
Mode
0
0
0
0
1
Physical EEPROM address
DI7 … DI0
...16 data bytes
Read Mode
0
1
0
0
0
Physical EEPROM address
DO7...DO0
...Continuous
read (n*8 bits)
Test Mode
RESERVED for PRODUCTION
Command
Mode
1
1
C5...C0
SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com