Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 2 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 2 Page - ams AG

  SL900A Datasheet HTML 1Page - ams AG SL900A Datasheet HTML 2Page - ams AG SL900A Datasheet HTML 3Page - ams AG SL900A Datasheet HTML 4Page - ams AG SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
SL900A – 2
ams Datasheet: 2014-May-06 [v1-01]
Package Options
The available SL900A package options are:
• 16-pin QFN (5 x 5 mm)
• Tested wafer (8”)
Applications
The SL900A device is ideal suited for:
• Monitoring and tracking of temperature-sensitive
products
• Temperature monitoring of medical products
• Pharmaceutical logistics
• Monitoring of fragile goods transportation
• Dynamic Shelf Life applications
• RFID to SPI interface
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
SL900A Block Diagram
SL900A Block Diagram: Basic block diagram of SL900A
Oscillator
with RTC
10-Bit A/D
Converter
Processing
Digital Control
EPC Gen2
Class 3
(cool-Log™)
FIFO
1152 x 8 Bit
EEPROM
Temperature
Sensor
860 - 960 MHz
AFE
SPI
Port
(Slave)
Power
Management
V
BAT
V
SS
ANT
SCLK
SEN
1.5V
or 3V
EXT1
MUX
MEAS
D
OUT
D
IN
SL900A
EXT2
V
DD
V
REF
ANA TEST
EXC
DIGI TEST
External
Sensor
Front-End
V
POS
V
SSA
Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com