Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 19 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 19 Page - ams AG

Back Button SL900A Datasheet HTML 15Page - ams AG SL900A Datasheet HTML 16Page - ams AG SL900A Datasheet HTML 17Page - ams AG SL900A Datasheet HTML 18Page - ams AG SL900A Datasheet HTML 19Page - ams AG SL900A Datasheet HTML 20Page - ams AG SL900A Datasheet HTML 21Page - ams AG SL900A Datasheet HTML 22Page - ams AG SL900A Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 19
S y st em D e scription
Figure 19:
AD Reference Voltages
The Vo2 voltage defines the lower temperature limit for the
temperature conversion – note that normal operation is not
guaranteed below -40 ºC.
Figure 20:
Theoretical Lower Temperature Limit
The voltage difference between the Vo2 and Vo1 references
define the resolution and temperature range.
Calib. Code
Vo1
Vo2
0b000
160mV
260mV
0b001
210mV
310mV
0b010
260mV
360mV
0b011
310mV
410mV
0b100
360mV
460mV
0b101
410mV
510mV
0b110
460mV
560mV
0b111
510mV
610mV
Vo2
Low. Temp. Lim.
260mV
-118.9 ºC
310mV
-89.3 ºC
360mV
-59.6 ºC
410mV
-29.0 ºC
460mV
0.3 ºC
510mV
29.3 ºC
560mV
59.0 ºC
610mV
88.7 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com