Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 82 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 82 Page - ams AG

Back Button SL900A Datasheet HTML 78Page - ams AG SL900A Datasheet HTML 79Page - ams AG SL900A Datasheet HTML 80Page - ams AG SL900A Datasheet HTML 81Page - ams AG SL900A Datasheet HTML 82Page - ams AG SL900A Datasheet HTML 83Page - ams AG SL900A Datasheet HTML 84Page - ams AG SL900A Datasheet HTML 85Page - ams AG SL900A Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
SL900A – 82
ams Datasheet: 2014-May-06 [v1-01]
P a ck age Dra w ings & Mark ings
Figure 68:
Package Drawings
SL900A Package Drawings: The reflow peak soldering temperature (body temperature) is specified according
IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount
Devices”.
Note(s) and/or Footnote(s):
1. Dimensioning and tolerances conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metalized terminal and is measured between 0.25mm and 0.30mm from terminal tip. Dimension L1 represents
terminal full back from package edge up to 0.1mm is acceptable.
4. Co-planarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. This drawing is subject to change without notice.
Package Drawings & Markings
SL900A
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0.203 REF
b
0.33
0.40
0.47
D5.00 BSC
E5.00 BSC
D1
3.15
3.25
3.35
E1
3.15
3.25
3.35
e-
0.80 BSC
-
L
0.255
0.355
0.455
L1
0.10
P45º BSC
aaa
0.10
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com