Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 28 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 28 Page - ams AG

Back Button SL900A Datasheet HTML 24Page - ams AG SL900A Datasheet HTML 25Page - ams AG SL900A Datasheet HTML 26Page - ams AG SL900A Datasheet HTML 27Page - ams AG SL900A Datasheet HTML 28Page - ams AG SL900A Datasheet HTML 29Page - ams AG SL900A Datasheet HTML 30Page - ams AG SL900A Datasheet HTML 31Page - ams AG SL900A Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
SL900A – 28
ams Datasheet: 2014-May-06 [v1-01]
C o mmands
Start Log - #22
The START LOG command starts the logging procedure and sets
the Start time in UTC format. In logging state the chips
automatically performs the measurements and data logging in
the specified time intervals. Supported is also a delayed start,
which means that the chip will start with the logging procedure
with a specified delay after it receives the START LOG command.
This command also starts the Interrupt mode of operation
where the measurements and data-logging are driven from
external events.
Get Log State - #23
The GET LOG STATE command gets the log state of following
parameters: measurement status and out of limits counter. This
gives the ability to quickly check the state of the package
without the need to read the whole temperature data log.
Get Calibration Data - #24
The GET CALIBRATION DATA command reads the calibration
data for the internal and external sensors.
Get Battery Level - #25
The GET BATTERY LEVEL command measures and reads the
voltage level of the battery.
Set Shelf Life - #26
The SET SHELF LIFE command writes the shelf life algorithm
parameters and enables the dynamic shelf life calaculation.
Initialize - #27
The INITIALIZE command sets the size of the application data
area and sets the delay time. The command clears the
measurement status and limits counter blocks.
Get Sensor Value - #28
The GET SENSOR VALUE command measures and backscatters
the value of the specified sensor – internal, external 1 or
external 2.
Open Area - #29
The OPEN AREA command opens the specified area of the
memory (System, Application, and Measurement). The
password is stored in a RAM location and compared with the
password in EEPROM. When the tag leaves the RF field, this RAM
location is cleared.
Access FIFO - #30
The ACCESS FIFO command can read or write the 8-byte FIFO.
The FIFO can also be accessed from the SPI so this command
can be used for fast data transfer between a microcontroller
connected to the SPI and an RFID reader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com