Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 84 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 84 Page - ams AG

Back Button SL900A Datasheet HTML 80Page - ams AG SL900A Datasheet HTML 81Page - ams AG SL900A Datasheet HTML 82Page - ams AG SL900A Datasheet HTML 83Page - ams AG SL900A Datasheet HTML 84Page - ams AG SL900A Datasheet HTML 85Page - ams AG SL900A Datasheet HTML 86Page - ams AG SL900A Datasheet HTML 87Page - ams AG SL900A Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
SL900A – 84
ams Datasheet: 2014-May-06 [v1-01]
Or de ring & C o n t ac t I n f o r m ation
Figure 69:
Ordering Information
Ordering Information: Order quantities should be a multiple of shipping form.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering
Code
Description
Operating
Temperature
Range
Package
Type
Device
Marking
Shipping
Form
SL900A-AQFT
Smart active label IC with
on-chip temperature
sensor and 9k EEPROM
-40°C to 125°C
QFN 16
(5 x 5 mm)
SL900A
Tape & reel
(1,000/reel)
SL900A-ASWB
-40ºC to 125ºC
-
Tested wafers
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com