Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 62 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 62 Page - ams AG

Back Button SL900A Datasheet HTML 58Page - ams AG SL900A Datasheet HTML 59Page - ams AG SL900A Datasheet HTML 60Page - ams AG SL900A Datasheet HTML 61Page - ams AG SL900A Datasheet HTML 62Page - ams AG SL900A Datasheet HTML 63Page - ams AG SL900A Datasheet HTML 64Page - ams AG SL900A Datasheet HTML 65Page - ams AG SL900A Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
SL900A – 62
ams Datasheet: 2014-May-06 [v1-01]
Ex ter n al S e ns or F r o n t - End ( S FE)
The interrupt mode is selected with the SET LOG MODE
command with the “Logging Mode[2:0]” field (“Logging
Formats” on page 41). The implemented IRQ modes are:
Figure 54:
IRQ Logging Modes
Either of the 2 external sensor pads, or both of them, can be
used for generating an interrupt. This function can also be used
for button-triggered measurements, as the user can select
which sensor will be logged during an interrupt event.
The interrupt level can be selected by the application with the
SET CALIBRATION DATA command (“irlev[1:0]”). The setting is
valid for EXT1 and EXT2.
Figure 55:
Sensor Front End Setting Bits
The IRQ threshold varies from chip to chip for a maximum of
±25% from its nominal specified value. The ratio between levels
at different IRQ-level-CODE remains constant. The IRQ voltage
levels are supply ratiometric.
Bit 2
Bit 1
Bit 0
Logging Form
Description
10
1
IRQ, EXT1
Interrupt triggered on the EXT1 external
sensor input
11
0
IRQ, EXT2
Interrupt triggered on the EXT2 external
sensor input
1
1
1
IRQ, EXT1, EXT2
Interrupt triggered on the EXT1 and EXT2
external sensor input
Irlev [1:0]
EXT1 resistive – [MΩ]
EXT2 resistive - [MΩ]
IRQ level - % of
supply voltage
Bit 1
Bit 0
00
< 3
< 3
< 25 %
01
< 1
< 1
< 8 %
1
0
< 4.2
< 4.2
< 35 %
1
1
< 5.2
< 5.2
< 43%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com