Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 29 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 29 Page - ams AG

Back Button SL900A Datasheet HTML 25Page - ams AG SL900A Datasheet HTML 26Page - ams AG SL900A Datasheet HTML 27Page - ams AG SL900A Datasheet HTML 28Page - ams AG SL900A Datasheet HTML 29Page - ams AG SL900A Datasheet HTML 30Page - ams AG SL900A Datasheet HTML 31Page - ams AG SL900A Datasheet HTML 32Page - ams AG SL900A Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 29
C u stom C o mm and Description
Upon receiving a valid command, the tag always transmits a
reply. If the command can not be executed, the tag replies with
the following error message:
Reply Structure (error):
The error codes are defined as:
SOF
Header
Error code
Handle
CRC
EOF
Pilot tone + preamble
1 bit [1]
8 bits
16 bits
16 bits
Dummy bit [1]
Error Code
Error Name
Error Description
Condition
00000000
Other error
For error s that are not covered by
the other specified error codes
00000011
Memory overrun
The specified memory location
does not exist or the EPC length
field is not supported by the tag
The EBV address is outside the
physical address of the EEPROM
or outside the specified memory
bank.
00000100
Memory locked
The specified memory location is
locked and/or permalocked and
can not be read or written.
The lock bit for the specified
memory bank or password is
set.
00001011
Insufficient power
The tag has insufficient power to
perform the memory write
operation.
This error code can only be set in
fully passive mode when the
supply voltage is to low.
10100000
Incorrect password
The password is incorrect – tag is
not open.
The IDS custom password
protection is active.
10100010
Battery
measurement error
The battery measurement can not
be started.
The tag is fully passive and there
is no battery attached.
10100011
Command not
allowed
Command is not allowed in active
state.
Custom commands that can
modify logging and calibration
parameters are not allowed
when the tag is in active state
(RTC running).
10100110
EEPROM busy error
The memory can not be accessed
as the measurement unit or SPI is
accessing the EEPROM.
This error is reported when the
EEPROM is used by the SPI or
measurement unit.
Custom Command Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com