Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 42 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 42 Page - ams AG

Back Button SL900A Datasheet HTML 38Page - ams AG SL900A Datasheet HTML 39Page - ams AG SL900A Datasheet HTML 40Page - ams AG SL900A Datasheet HTML 41Page - ams AG SL900A Datasheet HTML 42Page - ams AG SL900A Datasheet HTML 43Page - ams AG SL900A Datasheet HTML 44Page - ams AG SL900A Datasheet HTML 45Page - ams AG SL900A Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
SL900A – 42
ams Datasheet: 2014-May-06 [v1-01]
Lo g g i n g F o r m a t s
In case external sensors are used for logging, the chip will use
the following storage format:
Figure 25:
Dense Form with External Sensors
In the dense logging form, no time information is stored in the
measurement area of the EEPROM in order to maximize the
number of stored sensor values. The real time of a particular
measurement can be calculated by using the Start time and Log
interval.
Out-of-Limits Logging Form
This logging form uses the limits that are set by the user. The
limits can be set with the SET LOG LIMITS command. The storage
data format is the same for the “All values out-of-limits” form
and the “Limits crossing” form.
Figure 26:
Limits Mode with Internal Sensor Only
Figure 27:
Limits Mode with External Sensors
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
1
Range 5 bits
External sensor 1 - 10 bits
0x01
1
Range 5 bits
External sensor 2 - 10 bits
0x02
Bat. meas. 6 bits
Temperature meas. - 10 bits
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
Battery voltage
Temperature
0x01
Measurement #
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
1
Range 5 bits
External sensor 1 - 10 bits
0x01
1
Range 5 bits
External sensor 2 - 10 bits
0x02
Bat. meas. 6 bits
Temperature meas. - 10 bits
0x03
Measurement #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com