Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
DLPC200
www.ti.com
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
Pin Functions (continued)
PIN
I/O
CLOCK SYSTEM
DESCRIPTION
TYPE(1)
NAME
NUMBER
RESERVED (CONTINUED)
RSVD_H13
J1
I3
Reserved for future use, can be left open, recommend grounding
RSVD_P0
P7
I4
Reserved for future use, do not connect
RSVD_P1
P6
O2
Reserved for future use, do not connect
RSVD_P2
P8
I4
Reserved for future use, do not connect
RSVD_P3
P5
I4
Reserved for future use, do not connect
RSVD_G0
C23
O3
Reserved for future use, do not connect
RSVD_G1
F19
O3
Reserved for future use, do not connect
RSVD_G2
M27
O3
Reserved for future use, do not connect
RSVD_G3
N21
O3
Reserved for future use, do not connect
RSVD_G4
P27
O3
Reserved for future use, do not connect
RSVD_G5
A18
O3
Reserved for future use, do not connect
RSVD_G6
A19
O3
Reserved for future use, do not connect
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_S1
AG14
DGND
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_S2
AG15
DGND
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_S3
AH14
DGND
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_X11
AH15
DGND
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_S20
Y27
DGND
Unused input only, can be left open, recommend 10-k
Ω pulldown to
RSVD_S21
Y28
DGND
RSVD_X9
AA22
Reserved for future use, do not connect
Reserved for future use, can be left open, recommend 10-k
Ω pullup
RSVD_S0
AA24
to 2.5 V
RSVD_X10
AB23
Reserved for future use, do not connect
RSVD_X6
AB24
Reserved for future use, do not connect
RSVD_X3
AC21
Reserved for future use, do not connect
RSVD_X15
AA17
Reserved, do not leave open, required: 49.4-
Ω pullup to 1.8 V
RSVD_X14
AB17
Reserved, do not leave open, required: 49.9-
Ω pulldown to DGND
RSVD_X13
U7
Reserved, do not leave open, required: 49.4-
Ω pullup to 1.8V
RSVD_X12
U8
Reserved, do not leave open, required: 49.9-
Ω pulldown to DGND
RSVD_X2
AE15
Reserved for future use, do not connect
RSVD_X0
AF18
Reserved for future use, do not connect
RSVD_X1
AD15
Reserved for future use, do not connect
RSVD_X8
AF27
Reserved for future use, do not connect
RSVD_X4
AF9
Reserved for future use, do not connect
Reserved for future use, can be left open, recommend 10-k
Ω pullup
RSVD_S4
AH26
to 1.8 V
RSVD_S5
B25
Reserved for future use, do not connect
RSVD_S6
C20
Reserved for future use, do not connect
RSVD_S8
D19
Reserved for future use, do not connect
RSVD_X5
E24
Reserved for future use, do not connect
RSVD_S10
F22
Reserved for future use, do not connect
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com