Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments DLPC200 Datasheet HTML 34Page - Texas Instruments DLPC200 Datasheet HTML 35Page - Texas Instruments DLPC200 Datasheet HTML 36Page - Texas Instruments DLPC200 Datasheet HTML 37Page - Texas Instruments DLPC200 Datasheet HTML 38Page - Texas Instruments DLPC200 Datasheet HTML 39Page - Texas Instruments DLPC200 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
www.ti.com
Feature Description (continued)
Table 1. Frame Rates
MODE
MIN
MAX
UNIT
1 bit per pixel
6
5000
Structured light
Hz
8 bits per pixel
6
700
Video
6
60
Hz
7.4 Device Functional Modes
The DLPC200 has two basic functional mode types: video and structured light.
7.4.1 Video Modes
The controller accepts RGB-8-8-8 input to port 1 or port 2 through a selectable MUX. XGA video information is
displayed on the DMD at 6 to 60 fps.
An internal pattern generator can generate RGB-8-8-8 video patterns into an internal selectable MUX for
verification and debug purposes.
7.4.2 Structured Light Modes
The DLPC200 provides two structured light modes: static image buffer and real-time structured light.
7.4.2.1 Static Image Buffer Mode
Image data can be loaded into parallel flash memory to load to DDR2 memory at startup to be displayed, or can
be loaded over USB or the SPI port directly to DDR2 memory to be displayed. Binary (1-bit) or grayscale (8-bit)
patterns can be displayed. The memory will hold 960 binary patterns or 120 grayscale patterns.
7.4.2.2 Real Time Structured Light Mode
RGB-8-8-8 60 fps data can be input into port 1 or port 2 and reinterpreted as up to 24 binary (1-bit) patterns or
three grayscale (8-bit) patterns. The specified number of patterns is displayed equally during the exposure time
specified. Any unused RGB-8-8-8 data in the video frame must be filled with data, usually 0s.
For example, during one video frame (16.67 ms), 12 binary patterns of the 24 RGB bits are requested to be
displayed during half of the video frame time (exposure time = 8.33 ms). Each of the eight red bits and the four
most significant green bits are displayed as a binary pattern for 694 µs each. The remaining bits are ignored and
the remaining 8.33 ms of the frame will be dark.
36
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com