Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC200 Datasheet HTML 1Page - Texas Instruments DLPC200 Datasheet HTML 2Page - Texas Instruments DLPC200 Datasheet HTML 3Page - Texas Instruments DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
DLPC200 DLP Digital Controller for the DLP5500 DMD
1 Features
3 Description
The
DLPC200
performs
image
processing
and
1
•
Required for Reliable Operation of the DLP5500
control and DMD data formatting to drive the 0.55
DMD
XGA DMD (DLP5500).
•
Stream Data Realtime With Two 24-Bit Input Ports
This
digital
controller
gives
users
reliable,
(RGB888)
independent
high-speed
micromirror
control
for
–
Port 1 Supports HDMI Input
structured light, display, and other spatial light
–
Port 2 Supports Input Via an Expansion Card
modulation
(SLM)
applications.
The
DLPC200
provides pattern rates up to 5000 Hz binary or 700
•
High-Speed Pattern Sequence Mode
Hz 8-bit grayscale, using solid state illumination (SSI).
–
Download Pattern Data Directly to Device
This easily-programmable device allows users to
–
1-Bit Binary Pattern Rates to 5000 Hz
interface and synchronize the chipset to external
–
8-Bit Grayscale Pattern Rates to 700 Hz
sources
(for
example,
sensor,
camera,
and
–
1-to-1 Input Mapping to Micromirrors
processor) enabling 3D machine vision applications
with high accuracy. Multiple configuration interfaces
–
Programmable Reordering of Patterns
offer flexibility for external and embedded input
•
Easy Synchronization With Cameras and Sensors
sources. Convenience of loading and storing custom
–
Three Configurable Output Triggers
patterns makes the DLPC200 ideal for advanced light
control applications.
–
Two Configurable Input Triggers
•
Multiple Configuration Interfaces
Device Information(1)
–
Supports EDID Via I2C
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
USB and SPI Device Control
DLPC200
BGA (780)
29.00 mm × 29.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
•
Machine Vision
–
3D Depth Measurement and Capture
–
Robotic Guidance
–
Inline Surface Inspection
–
Pick and Place
•
3D Printers
•
Medical Instrumentation
–
3D Dental Scanners
–
Vascular Imaging
–
Microscopes
•
Computer-to-Plate Printers
•
3D Biometrics
–
Fingerprint Recognition
–
Facial Recognition
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPC200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC200ZEW TI-DLPC200ZEW Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200ZEW TI-DLPC200ZEW Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
More results

Similar Description - DLPC200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
DLP Digital Controller
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
DLP Projector
logo
Texas Instruments
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
DLPC1438 Digital Controller for DLP 3D Printers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com