Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments DLPC200 Datasheet HTML 10Page - Texas Instruments DLPC200 Datasheet HTML 11Page - Texas Instruments DLPC200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
CLOCK SYSTEM
DESCRIPTION
TYPE(1)
NAME
NUMBER
CONTROL INTERFACES (I2C, USB, SPI)
USB clock input (48 MHz), feeds a PLL (if not used, apply 10-k
Ω
USB_CLK
B15
I3
pulldown to DGND)
USB I/F FIFO programmable level (if not used, apply 10-k
Ω pulldown
USB_CTRL0
B17
I3
USB_CLK
to DGND)
USB_CTRL1
A26
I3
USB_CLK
USB I/F FIFO-full flag (if not used, apply 10-k
Ω pulldown to DGND)
USB I/F FIFO-empty flag (if not used, apply 10-k
Ω pulldown to
USB_CTRL2
D22
I3
USB_CLK
DGND)
USB_CTRL3
C19
I3
USB_CLK
Reserved for future use (if not used, apply 10-k
Ω pulldown to DGND)
USB_CTRL4
D16
I3
USB_CLK
Reserved for future use (if not used, apply 10-k
Ω pulldown to DGND)
USB_CTRL5
G17
I3
USB_CLK
Reserved for future use (if not used, apply 10-k
Ω pulldown to DGND)
USB_FD0
G16
USB_FD1
C26
USB_FD2
F17
USB_FD3
C22
USB_FD4
E18
USB_FD5
B18
USB_FD6
F18
USB_FD7
E19
B2
USB_CLK
USB interface data bus (if not used, apply 10-k
Ω pulldown to DGND)
USB_FD8
B23
USB_FD9
D25
USB_FD10
C21
USB_FD11
D24
USB_FD12
B19
USB_FD13
E25
USB_FD14
G18
USB_FD15
C15
USB I/F FIFO output enable for reads (if not used, apply 10-k
Ω
USB_PA02
D23
O3
USB_CLK
pullup to 3.3 V)
USB_PA04
G15
O3
USB_CLK
USB I/F FIFO address(0) (if not used, apply 10-k
Ω pullup to 3.3 V)
USB_PA05
A22
O3
USB_CLK
USB I/F FIFO address(1) (if not used, apply 10-k
Ω pullup to 3.3 V)
USB_PA06
A25
O3
USB_CLK
USB I/F FIFO packet end trigger
USB_RDY0
C16
O3
USB_CLK
USB I/F FIFO read enable (if not used, apply 10-k
Ω pullup to 3.3 V)
USB_RDY1
C17
O3
USB_CLK
USB I/F FIFO write enable (if not used, apply 10-k
Ω pullup to 3.3 V)
USB_RDY2
B26
O3
USB_CLK
Reserved for future use (if not used, apply 10-k
Ω pullup to 3.3 V)
USB_RSVD_14
A15
I3
USB_CLK
Reserved for future use (if not used, apply 10-k
Ω pulldown to DGND)
I2C_SCL
C25
B2
Master I2C clock - 400 kHz. Requires external pullup
I2C_SDA
D18
B2
I2C_SCL
Master I2C data - 400 kHz. Requires external pullup
HDMI EDID I2C clock. 400 kHz. Requires external pullup (if EDID is
EDID_I2C_SCL
F8
B2
not used, must be pulled up to 3.3 V through a 47-k
Ω resistor)
HDMI EDID I2C data. 400-kHz. Requires external pullup (if EDID is
EDID_I2C_SDA
D6
B2
EDID_I2C_SCL
not used, must be pulled up to 3.3 V through a 47-k
Ω resistor.)
SLAVE_SPI_CLK
B14
I3
Slave SPI clock
SLAVE_SPI_CS
C14
I3
SLAVE_SPI_CLK
Slave SPI chip select; weak pullup applied
SLAVE_SPI_MISO
D14
O3
SLAVE_SPI_CLK
Slave SPI data OUT
SLAVE_SPI_MOSI
E14
I3
SLAVE_SPI_CLK
Slave SPI data IN; weak pullup applied
SLAVE_SPI_SOP
F21
I3
SLAVE_SPI_CLK
Reserved for future use
SLAVE_SPI_ACK
D20
O3
SLAVE_SPI_CLK
Slave SPI data busy
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com