Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
t
AVQV
t
ELQV
t
GLQV
t
PHQV
t
GLTV
t
AVAV
CE
OE
Data
Address
ADV
WAIT
RST
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
www.ti.com
6.11 Parallel Flash Interface Timing Requirements
PARAMETER
MIN
MAX
UNIT
tAVAV
Read cycle time
110
ns
tAVQV
Address to output valid
110
ns
tELQV
CE low to output valid
110
ns
tGLQV
OE low to output valid
25
ns
tPHQV
RST high to output valid
150
ns
tGLTV
OE low to WAIT valid
17
ns
tPHWL
RST high recovery to WE low
150
ns
tELWL
CE setup to WE low
0
ns
tWLWH
WE write pulse width low
50
ns
tDVWH
Data setup to WE high
50
ns
tAVWH
Address setup to WE high
50
ns
tWHEH
CE hold from WE high
0
ns
tPWDHX
Data hold from WE high
0
ns
tWHAX
Address hold from WE high
0
ns
Figure 6. Parallel Flash Read Timing
28
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com