Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 12Page - Texas Instruments DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
CLOCK SYSTEM
DESCRIPTION
TYPE(1)
NAME
NUMBER
SYSTEM INTERFACES
Chip-select output for an external serial configuration device. Active
CFG_CSO
E2
O3
CFG_DCLK
low
CFG_CLK
P3
O3
CFG_DCLK
Configuration serial EPROM data clock
Data input from an external serial configuration device. Provides
CFG_ASDI
N7
I3
CFG_DCLK
configuration data for the device
Serial data output. This pin sends address and control information to
CFG_ASDO
F4
O3
CFG_DCLK
the external PROM during configuration.
CFG_STATUS
M6
O3
CFG_DCLK
Configuration status pin
Configuration-done status pin. Signal goes high at the end of
CFG_DONE
P24
O3
CFG_DCLK
configuration.
CFG_MSEL0
N22
CFG_MSEL1
P23
I3
Async
Configuration-mode selection signals
CFG_MSEL2
M22
CFG_MSEL3
P22
CFG_CE
R8
I3
Async
Chip enable. Active-low
Configuration control. Configuration starts when a low-to-high
CFG_EN
P4
I3
Async
transition is detected at this pin.
CFG_CEO
P28
O3
Async
REF_CLK
J27
I3
50-MHz reference clock, 3.3 V
RESET
A14
I3
Async
Device reset (active-low)
PWR_GOOD
A23
I3
Async
System power-good indicator
RESERVED
RSVD_H10
N4
B2
GPIO
RSVD_H11
L2
B2
GPIO
RSVD_H12
K4
B2
GPIO
RSVD_H6
G1
B2
GPIO
RSVD_H5
G5
B2
GPIO
RSVD_H4
G6
B2
GPIO
RSVD_H2
E1
B2
GPIO
RSVD_H1
C2
B2
GPIO
RSVD_T0
E22
RSVD_T1
D21
RSVD_T2
A21
RSVD_T3
C18
RSVD_T4
B22
These I/Os can be left open or unconnected for normal operation.
RSVD_T5
B21
RSVD_T6
D17
RSVD_T7
E21
RSVD_TC
M24
RSVD_D0
A17
I3
Reserved for future use, do not connect
RSVD_D1
D15
O3
Reserved for future use, do not connect
RSVD_D2
E17
I3
Reserved for future use, do not connect
RSVD_D3
F15
O3
Reserved for future use, do not connect
RSVD_H3
E3
I3
Reserved for future use, can be left open, recommend grounding
RSVD_H7
H7
I3
Reserved for future use, can be left open, recommend grounding
RSVD_H8
L5
I3
Reserved for future use, can be left open, recommend grounding
RSVD_H9
M5
I3
Reserved for future use, can be left open, recommend grounding
16
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com