Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP Digital Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 34Page - Texas Instruments DLPC200 Datasheet HTML 35Page - Texas Instruments DLPC200 Datasheet HTML 36Page - Texas Instruments DLPC200 Datasheet HTML 37Page - Texas Instruments DLPC200 Datasheet HTML 38Page - Texas Instruments DLPC200 Datasheet HTML 39Page - Texas Instruments DLPC200 Datasheet HTML 40Page - Texas Instruments DLPC200 Datasheet HTML 41Page - Texas Instruments DLPC200 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
DLPA200 Control Interface
Micromirror
Resets
Micromirror Data Interface
Micromirror Control Interface
RED ENABLE
GREEN ENABLE
BLUE ENABLE
INFRARED ENABLE
LED Lit Status
LED SPI Interface
Port 2 DATA( 23:0 )
Port 2 VSYNC
Port 2 HSYNC
Port 2 Data Valid
Port 2 Clock
Port 1 DATA( 23:0 )
Port 1 VSYNC
Port 1 HSYNC
Port 1 Data Valid
Port 1 Clock
I
2C Interface
SYNC OUT 1
SYNC OUT 2
SYNC OUT 3
Illumination
Optics
Projection
Optics
Configuration Interface
RESET
SRAM_CE
FLASH_SRAM_OE
FLASH_SRAM_WE
FLASH_SRAM_RST
FLASH_CE
SRAM_LB, SRAM_UB
USB Interface
Port 2 SPI Interface
HDMI
DLPR200USB PROM
DLPR200USB
DLPR200F PROM
DLPR200F
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
www.ti.com
Typical Application (continued)
Figure 14. Typical RGB + IR Structured Light Application
8.2.1 Design Requirements
All applications using the DLP 0.55-inch XGA chipset require the DLPC200 controller, the DLPA200 driver, and
the DLP5500 DMD for correct operation. The system also requires user supplied SRAM and a configuration
PROM programmed with the DLPR200F program file and a 50-MHz oscillator is for operation.
38
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com