| Electronic Components Datasheet Search |
|
DLPC200 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC200 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 52 page ![]() DLPC200 DLPS014E – APRIL 2010 – REVISED AUGUST 2014 www.ti.com Pin Functions PIN I/O CLOCK SYSTEM DESCRIPTION TYPE(1) NAME NUMBER PORT 1 VIDEO DATA AND CONTROL(2) PORT1_CLK J2 Pixel clock (if not used, apply 10-k Ω pulldown to DGND) PORT1_VSYNC N3 PORT1_CLK Vertical sync; weak pullup applied PORT1_HSYNC P1 PORT1_CLK Horizontal sync; weak pullup applied PORT1_IVALID P2 PORT1_CLK Data valid (if not used, apply 10-k Ω pulldown to DGND) PORT1_D0 D2 PORT1_CLK Pixel data – Blue 0 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D1 D3 PORT1_CLK Pixel data – Blue 1 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D2 F5 PORT1_CLK Pixel data – Blue 2 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D3 D1 PORT1_CLK Pixel data – Blue 3 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D4 F3 PORT1_CLK Pixel data – Blue 4 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D5 G4 PORT1_CLK Pixel data – Blue 5 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D6 F1 PORT1_CLK Pixel data – Blue 6 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D7 G3 PORT1_CLK Pixel data – Blue 7 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D8 H5 PORT1_CLK Pixel data – Green 0 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D9 H4 PORT1_CLK Pixel data – Green 1 (if not used, apply 10-k Ω pulldown to DGND) I3 PORT1_D10 G2 PORT1_CLK Pixel data – Green 2 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D11 J4 PORT1_CLK Pixel data – Green 3 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D12 H3 PORT1_CLK Pixel data – Green 4 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D13 J3 PORT1_CLK Pixel data – Green 5 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D14 K3 PORT1_CLK Pixel data – Green 6 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D15 L1 PORT1_CLK Pixel data – Green 7 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D16 L3 PORT1_CLK Pixel data – Red 0 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D17 L4 PORT1_CLK Pixel data – Red 1 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D18 M4 PORT1_CLK Pixel data – Red 2 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D19 K1 PORT1_CLK Pixel data – Red 3 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D20 M1 PORT1_CLK Pixel data – Red 4 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D21 K2 PORT1_CLK Pixel data – Red 5 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D22 M2 PORT1_CLK Pixel data – Red 6 (if not used, apply 10-k Ω pulldown to DGND) PORT1_D23 M3 PORT1_CLK Pixel data – Red 7 (if not used, apply 10-k Ω pulldown to DGND) PORT1_HPD E15 B2 HDMI hotplug detect, (if not used, apply 10-k Ω pulldown to DGND) HDMI input sync detect, (if not used, apply 10-k Ω pulldown to PORT1_SYNCDET J22 DGND) (1) See I/O Electrical Characteristics for more detail. (2) 24-bit data is mapped according to RGB888 pixel format. See Figure 13. 6 Submit Documentation Feedback Copyright © 2010–2014, Texas Instruments Incorporated Product Folder Links: DLPC200 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |