Electronic Components Datasheet Search
  English  ▼

X  

DLPC900ZPC Datasheet(PDF) 33 Page - Texas Instruments

Part # DLPC900ZPC
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 29Page - Texas Instruments DLPC900ZPC Datasheet HTML 30Page - Texas Instruments DLPC900ZPC Datasheet HTML 31Page - Texas Instruments DLPC900ZPC Datasheet HTML 32Page - Texas Instruments DLPC900ZPC Datasheet HTML 33Page - Texas Instruments DLPC900ZPC Datasheet HTML 34Page - Texas Instruments DLPC900ZPC Datasheet HTML 35Page - Texas Instruments DLPC900ZPC Datasheet HTML 36Page - Texas Instruments DLPC900ZPC Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
tc
tw(H)
DCKA
DCKB
(output)
Valid
SCA, DDA(15:0)
SCB, DDB(15:0)
(outputs)
50%
20%
50%
50%
tw(L)
tt
th
Valid
tsu
Valid
th
tsu
80%
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
6.15 DMD LVDS Interface Switching Characteristics
Switching characteristics over recommended operating conditions
(1) (2) (3) (4) (5) (6)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
ƒclock
Clock frequency, DCK_A
N/A
DCK_A
100
400
MHz
tc
Cycle time, DCK_A1
N/A
DCK_A
2475.3
ps
tw(H)
Pulse duration, high 5 (50% to 50% reference
N/A
DCK_A
1093
ps
points)
tw(L)
Pulse duration, low 5 (50% to 50% reference
N/A
DCK_A
1093
ps
points)
tt
Transition time, tt = tƒ / tr (20% to 80% reference
N/A
DCK_A
100
400
ps
points)
tosu
Output setup time at max clock rate3
DCK_A
↑↓
SCA, DDA(15:0)
438
ps
toh
Output hold time at max clock rate3
DCK_A
↑↓
SCA, DDA(15:0)
438
ps
ƒclock
Clock frequency, DCK_B
N/A
DCK_B
100
400
MHz
tc
Cycle time, DCK_B1
N/A
DCK_B
2475.3
ps
tw(H)
Pulse duration, high 5 (50% to 50% reference
N/A
DCK_B
1093
ps
points)
tw(L)
Pulse duration, low 5 (50% to 50% reference
N/A
DCK_B
1093
ps
points)
tt
Transition time, tt = tƒ / tr (20% to 80% reference
N/A
DCK_B
100
400
ps
points)
tosu
Output setup time at max clock rate3
DCK_B
↑↓
SCB, DDB(15:0)
438
ps
toh
Output hold time at max clock rate3
DCK_B
↑↓
SCB, DDB(15:0)
438
ps
tsk
Output skew, channel A to channel B
DCK_A
↑
DCK_B
↑
250
ps
(1)
The minimum cycle time (tc) for DCK_A and DCK_B includes 1.0% spread spectrum modulation.
(2)
The DMD LVDS interface uses a double data rate (DDR) clock, thus both rising and falling edges of DCK_A and DCK_B are used to
clock data into the DMD. As a result, the minimum tw(H) and tw(L) parameters determine the worse-case DDR clock cycle time.
(3)
Output setup and hold times for DMD clock frequencies below the maximum can be calculated as follows:
tosu(ƒclock) = tosu(ƒmax) + 250000 × (1 / ƒclock – 1 / 400) and toh(ƒclock) = toh(ƒmax) + 250000 × (1 / ƒclock – 1 / 400) where ƒclock is in MHz.
(4)
The DLPC900 is a Full-Bus DMD signaling interface. Figure 15 shows the controller connections for this configuration.
(5)
The pulse duration minimum for any clock rate can be calculated using the following formulas.
(a) Pulse duration minimum when using spread spectrum
(a) Duty cycle % = 49.06 – [0.01335 × clock frequency (MHz)]
(b) Minimum pulse duration = 1 / clock frequency × DC%
(a) Example: At 400 MHz: DC% = 49.06 – [0.01335 × 400] = 43.72%
(b) MPW = 1 / 400 MHz × 0.4372 = 1093.0 ps
(b) Pulse duration minimum when not using spread spectrum
(a) Duty cycle % = 49.00 – [0.01055 × clock frequency (MHz)]
(b) Minimum pulse duration = 1 / clock frequency × DC%
(a) Example: At 400 MHz: DC% = 49.00 – [0.01055 × 400] = 44.78%
(b) MPW = 1 / 400 MHz × 0.448 = 1119.5 ps
(6)
A duty cycle specification is not provided because the key limiting factor to clock frequency is the minimum pulse duration (that is, if the
other half of the clock period is larger than the minimum, it is not limiting the clock frequency).
Figure 11. DMD LVDS Interface
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com