Electronic Components Datasheet Search
  English  ▼

X  

DLPC900ZPC Datasheet(PDF) 62 Page - Texas Instruments

Part # DLPC900ZPC
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 62 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 58Page - Texas Instruments DLPC900ZPC Datasheet HTML 59Page - Texas Instruments DLPC900ZPC Datasheet HTML 60Page - Texas Instruments DLPC900ZPC Datasheet HTML 61Page - Texas Instruments DLPC900ZPC Datasheet HTML 62Page - Texas Instruments DLPC900ZPC Datasheet HTML 63Page - Texas Instruments DLPC900ZPC Datasheet HTML 64Page - Texas Instruments DLPC900ZPC Datasheet HTML 65Page - Texas Instruments DLPC900ZPC Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
10.1.15 Decoupling
Decoupling capacitors must be located as near as possible to the DLPC900 voltage supply pins. Capacitors
should not share vias. The DLPC900 power pins can be connected directly to the decoupling capacitor (no via) if
the trace is less than 0.03”. Otherwise the component should be tied to the voltage or ground plane through a
separate via. All capacitors should be connected to the power planes with trace lengths less than 0.05”. Try to
mount decoupling capacitors connecting to power rail VDD11 (1.15 V) using “via on sides” geometry as shown
below in Figure 31. If “via on the side” is not possible, 1.15 V decoupling capacitors can be mounted using “via at
ends” method, providing traces between the vias and decoupling capacitors’ pads be as short and wide (at least
15mils wide) as possible.
Figure 31. Decoupling Via Placement
10.1.16 Fiducials
Fiducials for automatic component insertion should be placed on the board according to the following guidelines
or on recommendation from manufacturer:
•
Fiducials for optical auto insertion alignment shall be placed on three corners of both sides of the PCB
•
Fiducials should be 0.050” copper with 0.100” cutout (antipad).
62
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com