Electronic Components Datasheet Search
  English  ▼

X  

DLPC900ZPC Datasheet(PDF) 57 Page - Texas Instruments

Part # DLPC900ZPC
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC Datasheet(HTML) 57 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 53Page - Texas Instruments DLPC900ZPC Datasheet HTML 54Page - Texas Instruments DLPC900ZPC Datasheet HTML 55Page - Texas Instruments DLPC900ZPC Datasheet HTML 56Page - Texas Instruments DLPC900ZPC Datasheet HTML 57Page - Texas Instruments DLPC900ZPC Datasheet HTML 58Page - Texas Instruments DLPC900ZPC Datasheet HTML 59Page - Texas Instruments DLPC900ZPC Datasheet HTML 60Page - Texas Instruments DLPC900ZPC Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
10.1.8 DMD Interface Considerations
High-speed interface waveform quality and timing on the DLPC900 controller (that is, the LVDS DMD interface)
is dependent on the following factors:
•
Total length of the interconnect system
•
Spacing between traces
•
Characteristic impedance
•
Etch losses
•
How well matched the lengths are across the interface
Thus, ensuring positive timing margin requires attention to many factors.
As an example, DMD interface system timing margin can be calculated as follows:
Setup Margin = (controller output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI degradation)
(4)
Hold-time Margin = (controller output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI degradation)
(5)
The PCB SI degradation is the signal integrity degradation due to PCB affects which includes such things as
simultaneously switching output (SSO) noise, crosstalk, and intersymbol interference (ISI) noise.
DLPC900 I/O timing parameters, as well as DMD I/O timing parameters, can be easily found in their
corresponding data sheets. Similarly, PCB routing mismatch can be easily budgeted and met via controlled PCB
routing. However, PCB SI degradation is not as easy-to-determine.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the following PCB design
guidelines provide a reference of an interconnect system that satisfies both waveform quality and timing
requirements (accounting for both PCB routing mismatch and PCB SI degradation). Deviation from these
recommendations may work, but should be confirmed with PCB signal integrity analysis or lab measurements.
PCB design: Refer to the Figure 30.
Configuration:
Asymmetric dual stripline
Etch thickness (T):
1.0-oz copper (1.2 mil)
Flex etch thickness (T):
0.5-oz copper (0.6 mil)
Single-ended signal impedance:
50
Ω (±10%)
Differential signal impedance:
100
Ω (±10%)
PCB stackup: Refer to the Figure 30.
Reference plane 1 is assumed to be a ground plane for proper return path.
Reference plane 2 is assumed to be the I/O power plane or ground.
Dielectric FR4, (Er):
4.2 (nominal)
Signal trace distance to reference plane 1 (H1): 5.0 mil (nominal)
Signal trace distance to reference plane 2 (H2): 34.2 mil (nominal)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com