Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 20Page - Microchip Technology CAP1208 Datasheet HTML 21Page - Microchip Technology CAP1208 Datasheet HTML 22Page - Microchip Technology CAP1208 Datasheet HTML 23Page - Microchip Technology CAP1208 Datasheet HTML 24Page - Microchip Technology CAP1208 Datasheet HTML 25Page - Microchip Technology CAP1208 Datasheet HTML 26Page - Microchip Technology CAP1208 Datasheet HTML 27Page - Microchip Technology CAP1208 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 24
 2014 Microchip Technology Inc.
"Configuration Registers") is set to 0, the Noise Flag Status bit for the capacitive sensor input is set if
any analog noise is detected. If the SHOW_RF_NOISE bit is set to 1, the Noise Flag Status bits will
only be set if RF noise is detected.
The CAP1208 offers optional noise filtering controls for both analog and digital noise.
For analog noise, there are options for whether the data should be considered invalid. By default, the
DIS_ANA_NOISE bit (see Section 5.6.1, "Configuration - 20h") will block a touch on a sensor input if
low frequency analog noise is detected; the sample is discarded. By default, the DIS_RF_NOISE bit
(see Section 5.6.2, "Configuration 2 - 44h") will block a touch on a sensor input if RF noise is detected;
the sample is discarded.
For digital noise, sensor input noise thresholds can be set (see Section 5.20, "Sensor Input Noise
Threshold Register"). If a capacitive touch sensor input exceeds the Sensor Noise Threshold but does
not exceed the touch threshold (Sensor Threshold (see Section 5.19, "Sensor Input Threshold
Registers") in the Active state or Sensor Standby Threshold in the Standby state (Section 5.24,
"Standby Threshold Register")), it is determined to be caused by a noise spike. The DIS_DIG_NOISE
bit (see Section 5.6.1, "Configuration - 20h") can be set to discard samples that indicate a noise spike
so they are not used in the automatic recalibration routine (see Section 4.4.1, "Automatic
Recalibration").
4.8
Interrupts
Interrupts are indicated by the setting of the INT bit in the Main Control Register (see Section 5.1,
"Main Control Register") and by assertion of the ALERT# pin. The ALERT# pin is cleared when the
INT bit is cleared by the user. When the INT bit is cleared by the user, status bits may be cleared (see
Section 5.2, "Status Registers").
4.8.1
ALERT# Pin
The ALERT# pin is an active low output that is driven when an interrupt event is detected.
4.8.2
Capacitive Sensor Input Interrupt Behavior
Each sensor input can be programmed to enable / disable interrupts (see Section 5.12, "Interrupt
Enable Register").
When enabled for a sensor input and the sensor input is not the designated power button, interrupts
are generated in one of two ways:
1. An interrupt is generated when a touch is detected and, as a user selectable option, when a release
is detected (by default - see INT_REL_n in Section 5.6.2, "Configuration 2 - 44h"). See Figure 4.4.
2. If the repeat rate is enabled then, so long as the touch is held, another interrupt will be generated
based on the programmed repeat rate (see Figure 4.3).
When the repeat rate is enabled for a sensor input (see Section 5.13, "Repeat Rate Enable Register"),
the device uses an additional control called MPRESS that determines whether a touch is flagged as
a simple “touch” or a “press and hold” (see Section 5.9, "Sensor Input Configuration 2 Register"). The
MPRESS[3:0] bits set a minimum press timer. When the button is touched, the timer begins. If the
sensor pad is released before the minimum press timer expires, it is flagged as a touch and an
interrupt (if enabled) is generated upon release. If the sensor input detects a touch for longer than this
timer value, it is flagged as a “press and hold” event. So long as the touch is held, interrupts will be
generated at the programmed repeat rate (see Section 5.8, "Sensor Input Configuration Register") and
upon release (if enabled).
If a sensor input is the designated power button, an interrupt is not generated as soon as a touch is
detected and repeat rate is not applicable. See Section 4.8.3, "Interrupts for the Power Button".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com