Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 52 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 52 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 48Page - Microchip Technology CAP1208 Datasheet HTML 49Page - Microchip Technology CAP1208 Datasheet HTML 50Page - Microchip Technology CAP1208 Datasheet HTML 51Page - Microchip Technology CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology CAP1208 Datasheet HTML 55Page - Microchip Technology CAP1208 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 52
 2014 Microchip Technology Inc.
Bits 6 - 4 - STBY_AVG[2:0] - Determines the number of samples that are taken for all Standby enabled
channels during the sensing cycle as shown in Table 5.37. All samples are taken consecutively on the
same channel before the next channel is sampled and the result is averaged over the number of
samples measured before updating the measured results.
Bit 3 - 2 - STBY_SAMP_TIME[1:0] - Determines the time to take a single sample for sensor inputs
enabled in Standby as shown in Table 5.38.
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the desired sensing cycle time for sensor inputs enabled
during Standby, as shown in Table 5.39. All enabled channels are sampled at the beginning of the
sensing cycle. If additional time is remaining, the device is placed into a lower power state for the
remainder of the sensing cycle.
Table 5.37 STBY_AVG Bit Decode
STBY_AVG[2:0]
NUMBER OF SAMPLES TAKEN
PER MEASUREMENT
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
Table 5.38 STBY_SAMP_TIME Bit Decode
STBY_SAMP_TIME[1:0]
SAMPLING TIME
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
Table 5.39 STBY_CY_TIME Bit Decode
STBY_CY_TIME[1:0]
PROGRAMMED SENSING CYCLE
TIME
10
00
35ms
0
1
70ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com