Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 55 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 55 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 51Page - Microchip Technology CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology CAP1208 Datasheet HTML 55Page - Microchip Technology CAP1208 Datasheet HTML 56Page - Microchip Technology CAP1208 Datasheet HTML 57Page - Microchip Technology CAP1208 Datasheet HTML 58Page - Microchip Technology CAP1208 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 55
The Sensor Input Base Count registers store the calibrated “not touched” input value from the
capacitive touch sensor inputs. These registers are periodically updated by the calibration and
recalibration routines.
The routine uses an internal adder to add the current count value for each reading to the sum of the
previous readings until sample size has been reached. At this point, the upper 16 bits are taken and
used as the Sensor Input Base Count. The internal adder is then reset and the recalibration routine
continues.
The data presented is determined by the BASE_SHIFT[3:0] bits (see Section 5.5).
5.26
Power Button Register
The Power Button Register indicates the sensor input that has been designated as the power button
(see Section 4.5, "Power Button").
Bits 2 - 0 - PWR_BTN[2:0] - When the power button feature is enabled, this control indicates the
sensor input to be used as the power button. The decode is shown in Table 5.45.
5.27
Power Button Configuration Register
Table 5.44 Power Button Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
60h
R/W
Power Button
-
-
-
-
-
PWR_BTN[2:0]
00h
Table 5.45 PWR_BTN Bit Decode
PWR_BTN[2:0]
SENSOR INPUT DESIGNATED AS POWER BUTTON
21
0
00
0
CS1
00
1
CS2
01
0
CS3
01
1
CS4
10
0
CS5
10
1
CS6
11
0
CS7
11
1
CS8
Table 5.46 Power Button Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
61h
R/W
Power Button
Configuration
-
STBY_
PWR_
EN
STBY_PWR_
TIME [1:0]
-
PWR_
EN
PWR_TIME [1:0]
22h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com