Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1208 Datasheet HTML 1Page - Microchip Technology CAP1208 Datasheet HTML 2Page - Microchip Technology CAP1208 Datasheet HTML 3Page - Microchip Technology CAP1208 Datasheet HTML 4Page - Microchip Technology CAP1208 Datasheet HTML 5Page - Microchip Technology CAP1208 Datasheet HTML 6Page - Microchip Technology CAP1208 Datasheet HTML 7Page - Microchip Technology CAP1208 Datasheet HTML 8Page - Microchip Technology CAP1208 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
 2014 Microchip Technology Inc.
DS00001570B-page 1
Datasheet
PRODUCT FEATURES
CAP1208
8-Channel Capacitive Touch Sensor
General Description
The CAP1208 which incorporates RightTouch® technology,
is a multiple channel capacitive touch sensor. It contains
eight (8) individual capacitive touch sensor inputs with
programmable sensitivity for use in touch sensor
applications. Each sensor input is calibrated to compensate
for system parasitic capacitance and automatically
recalibrated to compensate for gradual environmental
changes.
The CAP1208 includes Multiple Pattern Touch recognition
that allows the user to select a specific set of buttons to be
touched simultaneously. If this pattern is detected, a status
bit is set and an interrupt is generated.
The CAP1208 has Active and Standby states, each with its
own sensor in put conf ig ura t io n control s . Po wer
consumption in the Standby state is dependent on the
number of sensor inputs enabled as well as averaging,
sampling time, and cycle time. Deep Sleep is the lowest
power state available, drawing 5µA (typical) of current. In
this state, no sensor inputs are active, and communications
will wake the device.
Applications
Desktop and Notebook PCs
LCD Monitors
Consumer Electronics
Appliances
Features
Eight (8) Capacitive Touch Sensor Inputs
Programmable sensitivity
Automatic recalibration
Calibrates for parasitic capacitance
Individual thresholds for each button
Multiple Button Pattern Detection
Power Button Support
Press and Hold Feature for Volume-like Applications
3.3V or 5V Supply
Analog Filtering for System Noise Sources
RF Detection and Avoidance Filters
Digital EMI Blocker
8kV ESD Rating on All Pins (HBM)
Low Power Operation
5µA quiescent current in Deep Sleep
50µA quiescent current in Standby (1 sensor input
monitored)
Samples one or more channels in Standby
SMBus / I2C Compliant Communication Interface
Available in a 16-pin 3mm x 3mm QFN RoHS compliant
package
Block Diagram
SMBus
Protocol
SMCLK
SMDATA
VDD
GND
ALERT#
Capacitive Touch Sensing Algorithm
CS1
CS2
CS3
CS4
CS5
CS6
CS7
CS8


Similar Part No. - CAP1208

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1208-1-A4-TR MICROCHIP-CAP1208-1-A4-TR Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1208-2-SL-TR MICROCHIP-CAP1208-2-SL-TR Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
More results

Similar Description - CAP1208

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
16-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com