Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 41 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 41 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 37Page - Microchip Technology CAP1208 Datasheet HTML 38Page - Microchip Technology CAP1208 Datasheet HTML 39Page - Microchip Technology CAP1208 Datasheet HTML 40Page - Microchip Technology CAP1208 Datasheet HTML 41Page - Microchip Technology CAP1208 Datasheet HTML 42Page - Microchip Technology CAP1208 Datasheet HTML 43Page - Microchip Technology CAP1208 Datasheet HTML 44Page - Microchip Technology CAP1208 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 41
Bits 3 - 2 - SAMP_TIME[1:0] - Determines the time to take a single sample as shown in Table 5.18.
Sample time affects the magnitude of the base counts, as shown in Table 4.1, "Ideal Base Counts".
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the desired sensing cycle time for channels enabled in the
Active state, as shown in Table 5.19. All enabled channels are sampled at the beginning of the sensing
cycle. If additional time is remaining, the device is placed into a lower power state for the remainder
of the sensing cycle.
APPLICATION NOTE: The programmed sensing cycle time (CYCLE_TIME[1:0]) is only maintained if the actual time
to take the samples is less than the programmed cycle time. The AVG[2:0] bits will take
priority, so the sensing cycle time will be extended as necessary to accommodate the
number of samples to be measured.
11
0
64
1
1
1
128
Table 5.18 SAMP_TIME Bit Decode
SAMP_TIME[1:0]
SAMPLE TIME
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
Table 5.19 CYCLE_TIME Bit Decode
CYCLE_TIME[1:0]
PROGRAMMED SENSING CYCLE
TIME
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
Table 5.17 AVG Bit Decode (continued)
AVG[2:0]
NUMBER OF SAMPLES TAKEN
PER MEASUREMENT
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com