Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 46 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 46 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 42Page - Microchip Technology CAP1208 Datasheet HTML 43Page - Microchip Technology CAP1208 Datasheet HTML 44Page - Microchip Technology CAP1208 Datasheet HTML 45Page - Microchip Technology CAP1208 Datasheet HTML 46Page - Microchip Technology CAP1208 Datasheet HTML 47Page - Microchip Technology CAP1208 Datasheet HTML 48Page - Microchip Technology CAP1208 Datasheet HTML 49Page - Microchip Technology CAP1208 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 46
 2014 Microchip Technology Inc.
Bit 1 - COMP_PTRN - Determines whether the MTP detection circuitry will use the Multiple Touch
Pattern register as a specific pattern of sensor inputs or as an absolute number of sensor inputs.
‘0’ (default) - The MTP detection circuitry will use the Multiple Touch Pattern register bit settings as
an absolute minimum number of sensor inputs that must be above the threshold or have Noise
Flag Status bits set. The number will be equal to the number of bits set in the register.
‘1’ - The MTP detection circuitry will use pattern recognition. Each bit set in the Multiple Touch
Pattern register indicates a specific sensor input that must have a delta count greater than the MTP
threshold or have a Noise Flag Status bit set. If the criteria are met, the MTP status bit will be set.
Bit 0 - MTP_ALERT - Enables an interrupt if an MTP event occurs. In either condition, the MTP status
bit will be set.
‘0’ (default) - If an MTP event occurs, the ALERT# pin is not asserted.
‘1’ - If an MTP event occurs, the ALERT# pin will be asserted.
5.16
Multiple Touch Pattern Register
The Multiple Touch Pattern register acts as a pattern to identify an expected sensor input profile for
diagnostics or other significant events. There are two methods for how the Multiple Touch Pattern
register is used: as specific sensor inputs or number of sensor input that must exceed the MTP
threshold or have Noise Flag Status bits set. Which method is used is based on the COMP_PTRN bit
(see Section 5.15). The methods are described below.
1. Specific Sensor Inputs: If, during a single sensing cycle, the specific sensor inputs above the MTP
threshold or with Noise Flag Status bits set match those bits set in the Multiple Touch Pattern
register, an MTP event is flagged.
2. Number of Sensor Inputs: If, during a single sensing cycle, the number of sensor inputs with a delta
count above the MTP threshold or with Noise Flag Status bits set is equal to or greater than the
number of pattern bits set, an MTP event is flagged.
Table 5.26 MTP_TH Bit Decode
MTP_TH[1:0]
THRESHOLD DIVIDE SETTING
10
0
0
12.5% (default)
01
25%
1
0
37.5%
1
1
100%
Table 5.27 Multiple Touch Pattern Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Dh
R/W
Multiple
Touch
Pattern
CS8_
PTRN
CS7_
PTRN
CS6_
PTRN
CS5_
PTRN
CS4_
PTRN
CS3_
PTRN
CS2_
PTRN
CS1_
PTRN
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com