Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 56 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 56 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 52Page - Microchip Technology CAP1208 Datasheet HTML 53Page - Microchip Technology CAP1208 Datasheet HTML 54Page - Microchip Technology CAP1208 Datasheet HTML 55Page - Microchip Technology CAP1208 Datasheet HTML 56Page - Microchip Technology CAP1208 Datasheet HTML 57Page - Microchip Technology CAP1208 Datasheet HTML 58Page - Microchip Technology CAP1208 Datasheet HTML 59Page - Microchip Technology CAP1208 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 56
 2014 Microchip Technology Inc.
The Power Button Configuration Register controls the length of time that the designated power button
must indicate a touch before an interrupt is generated and the power status indicator is set (see
Section 4.5, "Power Button").
Bit 6 - STBY_PWR_EN - Enables the power button feature in the Standby state.
‘0’ (default) - The Standby power button circuitry is disabled.
‘1’ - The Standby power button circuitry is enabled.
Bits 5 - 4 - STBY_PWR_TIME[1:0] - Determines the overall time, as shown in Table 5.47, that the
power button must be held in the Standby state, in order for an interrupt to be generated and the PWR
bit to be set.
Bit 2 - PWR_EN - Enables the power button feature in the Active state.
‘0’ (default) - The power button circuitry is disabled in the Active state.
‘1’ -The power button circuitry is enabled in the Active state.
Bits 1 - 0 - PWR_TIME[1:0] - Determines the overall time, as shown in Table 5.47, that the power
button must be held in the Active state, in order for an interrupt to be generated and the PWR bit to
be set.
5.28
Sensor Input Calibration Registers
Table 5.47 Power Button Time Bits Decode
PWR_TIME[1:0] / STBY_PWR_TIME[1:0]
POWER BUTTON TOUCH HOLD TIME
10
0
0
280ms
0
1
560ms
1
0
1.12 sec (default)
1
1
2.24 sec
Table 5.48 Sensor Input Calibration Registers
ADDR
REGISTER
R/W
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
B1h
Sensor Input 1
Calibration
R
CAL1_9
CAL1_8
CAL1_7
CAL1_6
CAL1_5
CAL1_4
CAL1_3
CAL1_2
00h
B2h
Sensor Input 2
Calibration
R
CAL2_9
CAL2_8
CAL2_7
CAL2_6
CAL2_5
CAL2_4
CAL2_3
CAL2_2
00h
B3h
Sensor Input 3
Calibration
R
CAL3_9
CAL3_8
CAL3_7
CAL3_6
CAL3_5
CAL3_4
CAL3_3
CAL3_2
00h
B4h
Sensor Input 4
Calibration
R
CAL4_9
CAL4_8
CAL4_7
CAL4_6
CAL4_5
CAL4_4
CAL4_3
CAL4_2
00h
B5h
Sensor Input 5
Calibration
R
CAL5_9
CAL5_8
CAL5_7
CAL5_6
CAL5_5
CAL5_4
CAL5_3
CAL5_2
00h
B6h
Sensor Input 6
Calibration
R
CAL6_9
CAL6_8
CAL6_7
CAL6_6
CAL6_5
CAL6_4
CAL6_3
CAL6_2
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com