Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 35 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 31Page - Microchip Technology CAP1208 Datasheet HTML 32Page - Microchip Technology CAP1208 Datasheet HTML 33Page - Microchip Technology CAP1208 Datasheet HTML 34Page - Microchip Technology CAP1208 Datasheet HTML 35Page - Microchip Technology CAP1208 Datasheet HTML 36Page - Microchip Technology CAP1208 Datasheet HTML 37Page - Microchip Technology CAP1208 Datasheet HTML 38Page - Microchip Technology CAP1208 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 35
5.6
Configuration Registers
The Configuration registers control general global functionality that affects the entire device.
5.6.1
Configuration - 20h
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
‘0’ (default) - The SMBus timeout and idle functionality are disabled. The SMBus interface will not
time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are
held high for longer than 200us.
‘1’ - The SMBus timeout and idle functionality are enabled. The SMBus interface will reset if the
clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock lines
are held high for longer than 200us.
Bit 5 - DIS_DIG_NOISE - Determines whether the digital noise threshold (see Section 5.20, "Sensor
Input Noise Threshold Register") is used by the device. Setting this bit disables the feature.
‘0’ - The digital noise threshold is used. If a delta count value exceeds the noise threshold but does
not exceed the touch threshold, the sample is discarded and not used for the automatic
recalibration routine.
‘1’ (default) - The noise threshold is disabled. Any delta count that is less than the touch threshold
is used for the automatic recalibration routine.
Bit 4 - DIS_ANA_NOISE - Determines whether the analog noise filter is enabled. Setting this bit
disables the feature.
‘0’ (default) - If low frequency noise is detected by the analog block, the delta count on the
corresponding channel is set to 0. Note that this does not require that Noise Status bits be set.
‘1’ - A touch is not blocked even if low frequency noise is detected.
Bit 3 - MAX_DUR_EN - Determines whether the maximum duration recalibration is enabled.
01
1
0
64x
0
1
1
1
128x
1
0
0
0
256x
All others
256x
(default = 1111b)
Table 5.9 Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
TIME
OUT
-
DIS_
DIG_
NOISE
DIS_
ANA_
NOISE
MAX_
DUR_EN
-
-
-
20h
44h
R/W
Configuration
2
-
BC_
OUT_
RECAL
BLK_
PWR_
CTRL
BC_
OUT_
INT
SHOW_
RF_
NOISE
DIS_
RF_
NOISE
ACAL
_FAIL
_INT
INT_
REL_
n
40h
Table 5.8 BASE_SHIFT Bit Decode (continued)
BASE_SHIFT[3:0]
DATA SCALING
FACTOR
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com