Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 62 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 62 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 58Page - Microchip Technology CAP1208 Datasheet HTML 59Page - Microchip Technology CAP1208 Datasheet HTML 60Page - Microchip Technology CAP1208 Datasheet HTML 61Page - Microchip Technology CAP1208 Datasheet HTML 62Page - Microchip Technology CAP1208 Datasheet HTML 63Page - Microchip Technology CAP1208 Datasheet HTML 64Page - Microchip Technology CAP1208 Datasheet HTML 65Page - Microchip Technology CAP1208 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 62
 2014 Microchip Technology Inc.
Appendix A Device Delta
A.1
Delta from CAP1128 / CAP1188 to CAP1208
1. Revision ID set to 00h.
2. Pinout changed. RESET, WAKE, and ADDR_COMM pins removed. LED pins removed. SPI pins /
muxing also removed. Added GND pin as ground slug is no longer used for ground connection.
3. Reduced package size from a 20-pin 4mm x 4mm QFN to a 16-pin 3mm x 3mm QFN.
4. Added ACAL_FAIL bit to flag analog calibration failures (see Section 5.2, "Status Registers") and
ACAL_FAIL_INT bit to control analog calibration failure interrupts (see Section 5.6, "Configuration
Registers").
5. Added BC_OUT bit to flag calibration failures regarding base counts out of limit (see Section 5.2,
"Status Registers") and BC_OUT_RECAL and BC_OUT_INT bit to control base count out of limit
behavior and interrupts (see Section 5.6, "Configuration Registers"). Added Base Count Out of
Limit Register to indicate which sensor inputs have base counts outside the operating range (see
Section 5.17, "Base Count Out of Limit Register").
6. Added Power Button feature (see Section 4.5, "Power Button").
7. Increased supply voltage range for 5V operation.
8. Increased operating temperature range from 0°C - 85°C to -40°C to 125°C.
9. Removed proximity detection gain.
10. LEDs removed.
11. SMBus address fixed at 0101_000(r/w).
12. Removed SPI communications protocol option.
13. Removed RESET pin function.
14. Removed WAKE pin function.
15. Removed ALERT pin configuration.
16. Register set changes are shown in Table A.1, "Register Delta".
Table A.1 Register Delta
ADDRESS
REGISTER DELTA
DELTA
DEFAULT
00h
Page 30
Removed bits - Main
Control Register
Removed GAIN[1:0] bits.
00h
02h
Page 31
Added bits - General
Status Register
Added bit 4 PWR for new Power Button
feature. Added bit 5 ACAL_FAIL to
indicate analog calibration failure. Added
bit 6 BC_OUT. Removed bit 4 LED
status.
00h
04h
Removed - LED Status
Register
removed register
n/a
20h
Page 35
Removed bit -
Configuration Register
Removed bit 6 WAKE_CFG.
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com