Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 15 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 15 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 11Page - Microchip Technology CAP1208 Datasheet HTML 12Page - Microchip Technology CAP1208 Datasheet HTML 13Page - Microchip Technology CAP1208 Datasheet HTML 14Page - Microchip Technology CAP1208 Datasheet HTML 15Page - Microchip Technology CAP1208 Datasheet HTML 16Page - Microchip Technology CAP1208 Datasheet HTML 17Page - Microchip Technology CAP1208 Datasheet HTML 18Page - Microchip Technology CAP1208 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 15
The Host will NACK (not acknowledge) the last data byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been sent. For the Block Read protocol, the Host will
ACK each data byte that it receives except the last data byte.
3.2.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the CAP1208 detects an SMBus Stop
bit and it has been communicating with the SMBus protocol, it will reset its client interface and prepare
to receive further communications.
3.2.6
SMBus Timeout
The CAP1208 includes an SMBus timeout feature. Following a 30ms period of inactivity on the SMBus
where the SMCLK pin is held low, the device will timeout and reset the SMBus interface.
The timeout function defaults to disabled. It can be enabled by setting the TIMEOUT bit in the
Configuration register (see Section 5.6, "Configuration Registers").
3.2.7
SMBus and I2C Compatibility
The major differences between SMBus and I2C devices are highlighted here. For more information,
refer to the SMBus 2.0 specification.
1. CAP1208 supports I2C fast mode at 400kHz. This covers the SMBus max time of 100kHz.
2. Minimum frequency for SMBus communications is 10kHz.
3. The SMBus client protocol will reset if the clock is held low longer than 30ms (timeout condition).
This can be enabled in the CAP1208 by setting the TIMEOUT bit in the Configuration register. I2C
does not have a timeout.
4. The SMBus client protocol will reset if both the clock and the data line are high for longer than
200us (idle condition). This can be enabled in the CAP1208 by setting the TIMEOUT bit in the
Configuration register. I2C does not have an idle condition.
5. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
6. I2C devices support block read and write differently. I2C protocol allows for unlimited number of
bytes to be sent in either direction. The SMBus protocol requires that an additional data byte
indicating number of bytes to read / write is transmitted. The CAP1208 supports I2C formatting only.
3.3
SMBus Protocols
The CAP1208 is SMBus 2.0 compatible and supports Write Byte, Read Byte, Send Byte, and Receive
Byte as valid protocols as shown below.
All of the below protocols use the convention in Table 3.1.
Table 3.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
Data sent
Data sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com