Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 6Page - Microchip Technology CAP1208 Datasheet HTML 7Page - Microchip Technology CAP1208 Datasheet HTML 8Page - Microchip Technology CAP1208 Datasheet HTML 9Page - Microchip Technology CAP1208 Datasheet HTML 10Page - Microchip Technology CAP1208 Datasheet HTML 11Page - Microchip Technology CAP1208 Datasheet HTML 12Page - Microchip Technology CAP1208 Datasheet HTML 13Page - Microchip Technology CAP1208 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 10
 2014 Microchip Technology Inc.
Chapter 2 Electrical Specifications
Note 2.1
Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those
indicated in the operation sections of this specification is not implied.
Note 2.2
For the 5V tolerant pins that have a pull-up resistor, the voltage difference between
V5VT_PIN and VDD must never exceed 3.6V.
Note 2.3
The Package Power Dissipation specification assumes a recommended thermal via design
consisting of a 2x2 matrix of 0.3mm (12mil) vias at 1.0mm pitch connected to the ground
plane with a 1.6 x 1.6mm thermal landing.
Note 2.4
Junction to Ambient (
θJA) is dependent on the design of the thermal vias. Without thermal
vias and a thermal landing, the
θJA will be higher.
Table 2.1 Absolute Maximum Ratings
Voltage on VDD pin
-0.3 to 6.5
V
Voltage on CS pins to GND
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_PIN)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_PIN - VDD|) (see Note 2.2)0 to 3.6
V
Input current to any pin except VDD
+10
mA
Output short circuit current
Continuous
N/A
Package Power Dissipation up to TA = 85°C for 16-pin QFN
(see Note 2.3)
0.5
W
Junction to Ambient (
θJA) (see Note 2.4)70
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
8000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com