Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 31 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 31 Page - Microchip Technology

Back Button CAP1208 Datasheet HTML 27Page - Microchip Technology CAP1208 Datasheet HTML 28Page - Microchip Technology CAP1208 Datasheet HTML 29Page - Microchip Technology CAP1208 Datasheet HTML 30Page - Microchip Technology CAP1208 Datasheet HTML 31Page - Microchip Technology CAP1208 Datasheet HTML 32Page - Microchip Technology CAP1208 Datasheet HTML 33Page - Microchip Technology CAP1208 Datasheet HTML 34Page - Microchip Technology CAP1208 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 31
Bit 0 - INT - Indicates that there is an interrupt (see Section 4.8, "Interrupts"). When this bit is set, it
asserts the ALERT# pin. If a channel detects a touch but interrupts are not enabled for that channel
(see Section 5.12, "Interrupt Enable Register"), no action is taken. This bit is cleared by writing a logic
‘0’ to it. When this bit is cleared, the ALERT# pin will be deasserted, and all status registers will be
cleared if the condition has been removed.
‘0’ - No interrupt pending.
‘1’ - An interrupt condition occurred, and the ALERT# pin has been asserted.
5.2
Status Registers
All status bits are cleared when the device enters Deep Sleep (DSLEEP = ‘1’ - see Section 5.1, "Main
Control Register").
5.2.1
General Status - 02h
Bit 6 - BC_OUT - Indicates that the base count is out of limit for one or more enabled sensor inputs
(see Section 4.4, "Sensor Input Calibration"). This bit will not be cleared until all enabled sensor inputs
have base counts within the limit.
‘0’ - All enabled sensor inputs have base counts in the operating range.
‘1’ - One or more enabled sensor inputs has the base count out of limit. A status bit is set in the
Base Count Out of Limit Register (see Section 5.17, "Base Count Out of Limit Register").
Bit 5 - ACAL_FAIL - Indicates analog calibration failure for one or more enabled sensor inputs (see
Section 4.4, "Sensor Input Calibration"). This bit will not be cleared until all enabled sensor inputs have
successfully completed analog calibration.
‘0’ - All enabled sensor inputs were successfully calibrated.
‘1’ - One or more enabled sensor inputs failed analog calibration. A status bit is set in the
Calibration Active Register (see Section 5.11, "Calibration Activate and Status Register").
Bit 4 - PWR - Indicates that the designated power button has been held for the designated time (see
Section 4.5, "Power Button"). This bit will cause the INT bit to be set. This bit is cleared when the INT
bit is cleared if there is no longer a touch on the power button.
‘0’ - The power button has not been held for the required time or is not enabled.
‘1’ - The power button has been held for the required time.
Bit 3 - RESET - Indicates that the device has come out of reset. This bit is set when the device exits
a POR state. This bit will cause the INT bit to be set and is cleared when the INT bit is cleared.
Bit 2 - MULT - Indicates that the device is blocking detected touches due to the Multiple Touch
detection circuitry (see Section 5.14, "Multiple Touch Configuration Register"). This bit will not cause
the INT bit to be set and hence will not cause an interrupt.
Bit 1 - MTP - Indicates that the device has detected a number of sensor inputs that exceed the MTP
threshold either via the pattern recognition or via the number of sensor inputs (see Section 5.15,
"Multiple Touch Pattern Configuration Register"). This bit will cause the INT bit to be set if the
Table 5.3 Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
R
General Status
-
BC_
OUT
ACAL
_FAIL
PWR
RESET
MULT
MTP
TOUCH
00h
03h
R
Sensor Input
Status
CS8
CS7
CS6
CS5
CS4
CS3
CS2
CS1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com