Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 19Page - Microchip Technology LAN8820I Datasheet HTML 20Page - Microchip Technology LAN8820I Datasheet HTML 21Page - Microchip Technology LAN8820I Datasheet HTML 22Page - Microchip Technology LAN8820I Datasheet HTML 23Page - Microchip Technology LAN8820I Datasheet HTML 24Page - Microchip Technology LAN8820I Datasheet HTML 25Page - Microchip Technology LAN8820I Datasheet HTML 26Page - Microchip Technology LAN8820I Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 23
LAN8820/LAN8820I
3.6.3
POWER-DOWN RESET
A power-down reset is automatically activated when the device comes out of the power-down mode. During power-
down, the registers are not reset. Configuration straps and CONFIG[3:0] pins are not latched as a result of a power-
down reset. The power-down reset is internally extended by 256
s after exiting the power-down mode to allow the PLLs
to stabilize before the logic is released from reset. Refer to Section 3.7, "Power-Down modes," on page 23 for details
on the various power-down modes.
3.7
Power-Down modes
The device supports 3 power-down modes:
• General Power-Down
• Energy Detect Power-Down
• Hardware Power-Down
3.7.1
GENERAL POWER-DOWN
This power-down mode is controlled by the Power Down bit of the Basic Control Register. In this mode, the entire device
is powered-down except for the serial management interface. The device remains in the general power-down mode
while Power Down is set. When Power Down is cleared, the device powers up and is automatically reset (via a Power-
Down Reset). For maximum power savings, auto-negotiation should be disabled before enabling the general power-
down mode.
3.7.2
ENERGY DETECT POWER-DOWN
This power-down mode is controlled by the EDPWRDOWN bit of the 10/100 Mode Control/Status Register. In this mode,
when no energy is present on the line, nothing is transmitted and the device is powered-down except for the manage-
ment interface, the SQUELCH circuit and the ENERGYON logic.
The ENERGYON bit in the 10/100 Mode Control/Status Register is asserted when there is valid energy from the line
(100BASE-TX, 10BASE-T, or Auto-Negotiation signals) and the PHY powers-up. It automatically resets itself into the
previous state prior to power-down, and stays in active mode as long as energy exists on the line. If the ENGERGYON
interrupt is enabled (INT7_EN of the Interrupt Mask Register), IRQ is asserted.
3.7.3
HARDWARE POWER-DOWN
This power-down mode is controlled by the HPD pin. In this mode, the entire device is powered-down except for the
serial management interface. The HPD_MODE configuration strap selects whether the PLL will be shut down when in
hardware power-down mode. To exit the hardware power-down mode, the HPD pin must be deasserted, followed by
the deassertion of the Power Down bit in the Basic Control Register. If the hardware power-down mode is set to shut
down the PLL, a software reset must also be issued.
Note 1:
The device will wake-up in the hardware power-down mode if the HPD pin is asserted during hardware
reset.
2:
For additional information on the HPD_MODE configuration strap, refer to Section 3.8.1.1, "Configuration
Straps," on page 24.
3.8
Configuration
The device mode of operation may be controlled by hardware and software (register-selectable) configuration options.
The initial configuration may be selected in hardware as described in Section 3.8.1. In addition, register-selectable soft-
ware configuration options may be used to further define the functionality of the transceiver as described in
Section 3.8.2. The device supports both IEEE 802.3-2005 compliant and vendor-specific register functions.
3.8.1
HARDWARE CONFIGURATION
Hardware configuration is controlled via multiple configuration straps and the CONFIG[3:0] configuration pins. These
items are detailed in the following sub-sections.
Note:
The first and possibly second packet to activate ENERGYON may be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com