Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 16Page - Microchip Technology LAN8820I Datasheet HTML 17Page - Microchip Technology LAN8820I Datasheet HTML 18Page - Microchip Technology LAN8820I Datasheet HTML 19Page - Microchip Technology LAN8820I Datasheet HTML 20Page - Microchip Technology LAN8820I Datasheet HTML 21Page - Microchip Technology LAN8820I Datasheet HTML 22Page - Microchip Technology LAN8820I Datasheet HTML 23Page - Microchip Technology LAN8820I Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 20
 2009-2015 Microchip Technology Inc.
3.3.1
MII ISOLATE MODE
The device may be configured to electrically isolate the RGMII pins by setting the Isolate bit of the Basic Control Reg-
ister. In this mode, all MAC data interface output pins are HIGH and all MAC data interface input pins are ignored. In
this mode, the SMI interface is kept active, allowing the MAC to access the SMI registers and generate interrupts. All
MDI operations are halted while in isolate mode.
3.4
Serial Management Interface (SMI)
The Serial Management Interface is used to control the device and obtain its status. This interface supports the standard
PHY registers required by Clause 22 of the 802.3 standard, as well as “vendor-specific” registers allowed by the spec-
ification. Non-supported registers (such as 11 to 14) will be read as hexadecimal “FFFF”. Device registers are detailed
in Section 4.0, "Register Descriptions," on page 34.
At the system level, SMI provides 2 signals: MDIO and MDC. The MDC signal is an aperiodic clock provided by the
station management controller (SMC). MDIO is a bi-directional data SMI input/output signal that receives serial data
(commands) from the controller SMC and sends serial data (status) to the SMC. The minimum time between edges of
the MDC is 160 ns. There is no maximum time between edges. The minimum cycle time (time between two consecutive
rising or two consecutive falling edges) is 400 ns. These modest timing requirements allow this interface to be easily
driven by the I/O port of a microcontroller.
The data on the MDIO line is latched on the rising edge of the MDC. The frame structure and timing of the data is shown
in Figure 1-1 and Figure 1-2. The timing relationships of the MDIO signals are further described in Section 5.5.6, "SMI
Timing," on page 73.
FIGURE 3-4:
MDIO TIMING AND FRAME STRUCTURE - READ CYCLE
FIGURE 3-5:
MDIO TIMING AND FRAME STRUCTURE - WRITE CYCLE
MDC
MDIO
Read Cycle
...
32 1's
0
1
1
0
A4 A3 A2 A1 A0 R4R3R2R1R0
D1
...
D15
D14
D0
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data
Data From Phy
Data To Phy
MDC
MDIO
...
32 1's
0
1
1
0
A4 A3 A2 A1 A0 R4R3R2R1R0
Write Cycle
D15
D14
D1
D0
...
Data
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data To Phy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com