Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 61 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 61 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 57Page - Microchip Technology LAN8820I Datasheet HTML 58Page - Microchip Technology LAN8820I Datasheet HTML 59Page - Microchip Technology LAN8820I Datasheet HTML 60Page - Microchip Technology LAN8820I Datasheet HTML 61Page - Microchip Technology LAN8820I Datasheet HTML 62Page - Microchip Technology LAN8820I Datasheet HTML 63Page - Microchip Technology LAN8820I Datasheet HTML 64Page - Microchip Technology LAN8820I Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 61
LAN8820/LAN8820I
5.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power con-
sumption values are provided for both the device-only, and for the device plus Ethernet components. Power dissipation
is impacted by temperature, supply voltage, and external source/sink requirements. All measurements were taken at
+25
C.
TABLE 5-1:
POWER CONSUMPTION - 1000BASE-T LINKED
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
15
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
460
mA
External Magnetics Current (@ +2.5V)
197
mA
Total Power Dissipation (Device Only)
589
mW
Total Power Dissipation (Device and Ethernet components)
1081
mW
TABLE 5-2:
POWER CONSUMPTION - 100BASE-TX LINKED
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
5
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
85
mA
External Magnetics Current (@ +2.5V)
57
mA
Total Power Dissipation (Device Only)
115
mW
Total Power Dissipation (Device and Ethernet components)
258
mW
TABLE 5-3:
POWER CONSUMPTION - 10BASE-T LINKED
Parameter
Typical
Unit
Supply Current (VDD25IO) (@ +2.5V)
4
mA
Supply Current (VDD12CORE, VDD12BIAS, VDD12PLL, VDD12A) (@ +1.2V)
33
mA
External Magnetics Current (@ +2.5V)
118
mA
Total Power Dissipation (Device Only)
49
mW
Total Power Dissipation (Device and Ethernet components)
344
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com