Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 38Page - Microchip Technology LAN8820I Datasheet HTML 39Page - Microchip Technology LAN8820I Datasheet HTML 40Page - Microchip Technology LAN8820I Datasheet HTML 41Page - Microchip Technology LAN8820I Datasheet HTML 42Page - Microchip Technology LAN8820I Datasheet HTML 43Page - Microchip Technology LAN8820I Datasheet HTML 44Page - Microchip Technology LAN8820I Datasheet HTML 45Page - Microchip Technology LAN8820I Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 42
 2009-2015 Microchip Technology Inc.
4.2.10
MASTER/SLAVE CONTROL REGISTER
Note 4-5
The default is determined by the CONFIG[3:2] pins as described in Section 3.8.1.2.3, "Configuration
Bits Impacted by the Mode of Operation," on page 26.
Index (In Decimal): 9
Size:
16 bits
Bits
Description
Type
Default
15:13
Test Mode
000 = Normal mode
001 = Test Mode 1 - Transmit waveform test
010 = Test Mode 2 - Transmit jitter test in Master mode
011 = Test Mode 3 - Transmit jitter test in Slave mode
100 = Test Mode 4 - Transmitter distortion test
101 = Reserved
110 = Reserved
111 = Reserved
Note:
Setting these bits may prevent correct link partner connection if
both the device PHY and link partner PHY are set as masters.
R/W
000b
12
Master/Slave Manual Config Enable
0 = disable MASTER-SLAVE manual configuration value
1 = enable MASTER-SLAVE manual configuration value
R/W
Note 4-5
11
Master/Slave Manual Config Value
Active only when the Master/Slave Manual Config Enable bit of this register
is 1.
0 = Slave
1 = Master
R/W
Note 4-5
10
Port Type
Active only when the Master/Slave Manual Config Enable bit of this register
is 0.
0 = Single port device
1 = Multiport device
R/W
Note 4-5
9
1000BASE-T Full Duplex
0 = advertise PHY is not 1000BASE-T full duplex capable
1 = advertise PHY is 1000BASE-T full duplex capable
R/W
Note 4-5
8
1000BASE-T Half Duplex
0 = advertise PHY is not 1000BASE-T half duplex capable
1 = advertise PHY is 1000BASE-T half duplex capable
R/W
Note 4-5
7:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com