| Electronic Components Datasheet Search |
|
LAN8820I Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8820I Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 83 page ![]() LAN8820/LAN8820I DS00001871B-page 26 2009-2015 Microchip Technology Inc. 3.8.1.2.2 Configuring the Mode of Operation (CONFIG[3:2]) This section describes the initial modes of operation that are available using the CONFIG[3:2] configuration pins. The user may configure additional modes using Software Configuration when the CONFIG[3:2] options do not include the desired mode. The CONFIG3 pin is used to configure the values of the MOD field (19.15:11) The configuration pin values for CONFIG3 and CONFIG2 should be selected using Table 3-8. These tables also detail how the MOD field of the Extended Mode Control/Status Register will be configured. Section 3.8.1.2.3 describes how the MOD field controls other configuration bits in the device. When a soft reset is issued via the PHY Soft Reset (RESET) bit of the Basic Control Register, configuration is controlled by the register bit values and the CONFIG[3:0] pins have no affect. Likewise, changing the MOD field of the Extended Mode Control/Status Reg- ister bits does not change the configuration of the device in this case. 3.8.1.2.3 Configuration Bits Impacted by the Mode of Operation Immediately after a reset, the MOD field of the Extended Mode Control/Status Register will be set dependent on the configuration pin values of the CONFIG3 and CONFIG2 pins, as described in Section 3.8.1.2.2. Table 3-9 details how the MOD field effects other device configuration register bits. Note: Table 3-8 utilizes register index and bit number referencing in lieu of individual names. TABLE 3-8: CONFIGURING THE MODE OF OPERATION Mode Definitions CONFIG3 CONFIG2 Reg 19 [15:11] All mode capable (10/100/1000). Auto-negotiation enabled. Auto master/slave resolution single port. CPV(2) CPV(0) 10111 All mode capable (10/100/1000). Auto-negotiation enabled. Auto master/slave resolution multi-port. CPV(2) CPV(1) 11000 All mode capable (10/100/1000). Auto-negotiation enabled. Manual master/slave resolution slave port. CPV(2) CPV(2) 11001 All mode capable (10/100/1000). Auto-negotiation enabled. Manual master/slave resolution master port. CPV(2) CPV(3) 11010 Note: Table 3-9 utilizes register index and bit number referencing in lieu of individual names |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |