| Electronic Components Datasheet Search |
|
LAN8820I Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8820I Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 83 page ![]() 2009-2015 Microchip Technology Inc. DS00001871B-page 25 LAN8820/LAN8820I 3.8.1.2.1 Configuring the SMI Address (CONFIG[1:0]) The SMI address may be configured via hardware to any value between 0 and 7. If an address greater than 7 is required, the user can configure the PHY address using Software Configuration via the PHYADD[4:0] field of the 10/100 Special Modes Register (after SMI communication at an address is established). The CONFIG1 pin is used to configure both the SMI address and the value of the Pause Operation (PAUSE) bit in the Auto Negotiation Advertisement Register. The user must first determine the desired PAUSE value. The configuration pin values for CONFIG1 and CONFIG0 should then be selected using Table 3-6 (PAUSE=0) or Table 3-7 (PAUSE=1), respectively. Note: The HPD pin is also a dedicated configuration pin. HPD forces the entire device to power down except for the management interface. The Hardware Power-Down mode is described in Section 3.7.3, "Hardware Power-Down," on page 23. TABLE 3-6: SMI ADDRESS CONFIGURATION WITH PAUSE=0 PHYADD[2:0] CONFIG1 CONFIG0 000 CPV(0) CPV(0) 001 CPV(0) CPV(1) 010 CPV(0) CPV(2) 011 CPV(0) CPV(3) 100 CPV(1) CPV(0) 101 CPV(1) CPV(1) 110 CPV(1) CPV(2) 111 CPV(1) CPV(3) TABLE 3-7: SMI ADDRESS CONFIGURATION WITH PAUSE=1 PHYADD[2:0] CONFIG1 CONFIG0 000 CPV(2) CPV(0) 001 CPV(2) CPV(1) 010 CPV(2) CPV(2) 011 CPV(2) CPV(3) 100 CPV(3) CPV(0) 101 CPV(3) CPV(1) 110 CPV(3) CPV(2) 111 CPV(3) CPV(3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |