Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 63Page - Microchip Technology LAN8820I Datasheet HTML 64Page - Microchip Technology LAN8820I Datasheet HTML 65Page - Microchip Technology LAN8820I Datasheet HTML 66Page - Microchip Technology LAN8820I Datasheet HTML 67Page - Microchip Technology LAN8820I Datasheet HTML 68Page - Microchip Technology LAN8820I Datasheet HTML 69Page - Microchip Technology LAN8820I Datasheet HTML 70Page - Microchip Technology LAN8820I Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 67
LAN8820/LAN8820I
5.5.3
POWER-ON HARDWARE RESET TIMING
Figure 5-3 illustrates the nRESET, configuration strap/pin, and CONFIG[3:0] timing requirements in relation to power-
on. A hardware reset (nRESET assertion) is required following power-up. For proper operation, nRESET must be
asserted for no less than trstia. The nRESET pin can be asserted at any time, but must not be deasserted before tpurstd
after all external power supplies have reached operational levels. In order for valid configuration strap values to be read
at power-up, the tcss and tcsh timing constraints must be followed. In order for CONFIG[3:0] values to be read at power-
up, the tcs and tch timing constraints must be followed. Refer to Section 3.6.1, "Hardware Reset (nRESET)," on page 22
for additional information.
.
Note 1:
Device configuration straps are latched as a result of nRESET assertion. Refer to Section 3.8.1.1, "Config-
uration Straps," on page 24 details. Configuration straps must only be pulled high or low and must not be
driven as inputs.
2:
nRESET deassertion must be monotonic.
FIGURE 5-3:
HARDWARE RESET TIMING
TABLE 5-12:
HARDWARE RESET TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tpurstd
External power supplies at operational level to nRESET
deassertion
25
mS
tpurstv
External power supplies at operational level to nRESET
valid
0nS
trstid
nRESET input deassertion time
10
S
trstia
nRESET input assertion time
100
S
tcss
Configuration strap pins setup to nRESET deassertion
200
nS
tcsh
Configuration strap pins hold after nRESET deassertion
10
nS
totaa
Output tri-state after nRESET assertion
50
nS
todad
Output drive after deassertion
40
800
nS
tcs
CONFIG[3:0] setup to nRESET deassertion
0
nS
tch
CONFIG[3:0] hold after nRESET deassertion
1
uS
tcss
nRESET
Configuration
Straps
tcsh
Configuration Strap
Pins Output Drive
All External
Power Supplies
tpurstd
Vopp
tcs
CONFIG[3:0]
tch
trstia
todad
tpurstv
totaa
trstid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com