Electronic Components Datasheet Search
  English  ▼

X  

LAN8820I Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 14Page - Microchip Technology LAN8820I Datasheet HTML 15Page - Microchip Technology LAN8820I Datasheet HTML 16Page - Microchip Technology LAN8820I Datasheet HTML 17Page - Microchip Technology LAN8820I Datasheet HTML 18Page - Microchip Technology LAN8820I Datasheet HTML 19Page - Microchip Technology LAN8820I Datasheet HTML 20Page - Microchip Technology LAN8820I Datasheet HTML 21Page - Microchip Technology LAN8820I Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 18
 2009-2015 Microchip Technology Inc.
3.3
RGMII Interface
The device communicates with an external MAC using the Reduced Gigabit Media Independent Interface (RGMII). The
RGMII is compliant with the RGMII standard, and provides support for 1000BASE-T, 100BASE-TX, or 10BASE-T oper-
ation.
The RGMII consists of the RXC, RXD[3:0], RXCTRL, TXC, TXD[3:0] and TXCTRL signals. All transmission related sig-
nals, TXC, TXD[3:0] and TXCTRL, are generated by the MAC. The TXC transmit clock is used to synchronize the
TXD[3:0] data and TXCTRL control signals. All reception related signals, RXC, RXD[3:0] and RXCTRL, are generated
by the device. The RXC receive clock is used to synchronic the RXD[3:0] data and RXCTRL control signals.
The RGMII interface supports both Version 1.3 and Version 2.0 of the RGMII specification. Version 1.3 of the RGMII
Specification requires a 1.5 to 2ns clock delay via a PCB trace delay. Version 2.0 of the RGMII Specification introduces
the option of an on-chip Internal Delay (ID). These distinct RGMII modes of operation are referred to as “Non-ID Mode”
and “ID Mode”, respectively, throughout the document. Refer to the RGMII specification for additional details.
In addition to the standard Non-ID and ID modes of operation, the device supports a hybrid mode of operation, for a
total of 3 RGMII modes. These modes are summarized below:
Non-ID Mode
- Per the RGMII specification, no internal delay is generated at the MAC or the device(PHY). External
PCB trace delays are required to meet RGMII timing requirements.
ID Mode
- Per the RGMII specification, an internal delay is generated on TXC at the MAC, and an ID is generated on
RXC at the device(PHY). No PCB trace delay is required.
Hybrid Mode
- In this mode, the device(PHY) will generate an ID on both TXC and RXC. This mode may be used to
eliminate the PCB trace delay requirement when utilizing a non-ID MAC.
The RGMII mode is configured via the RGMII PHY TXC Delay Enable and RGMII PHY RXC Delay Enable bits of the
Control / Status Indications Register (29.[9:8]). The default values of these bits are configured via the RGMII_ID_MODE
configuration strap. Figure 3-2 details the RGMII mode configuration logic. For additional information on the RGMII_ID_-
MODE configuration strap, refer to Section 3.8.1.1, "Configuration Straps," on page 24.
FIGURE 3-2:
RGMII MODE CONFIGURATION LOGIC
PHY TX Logic
TXC
(From MAC)
Delay
TXD[3:0]
(From MAC)
LAN8820/LAN8820i
RXC
(To MAC)
Delay
RXD[3:0]
(To MAC)
PHY RX Logic
RGMII PHY TXC
Delay Enable Bit
RGMII_ID_MODE
RGMII PHY RXC
Delay Enable Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com