Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 28Page - Infineon Technologies AG C501 Datasheet HTML 29Page - Infineon Technologies AG C501 Datasheet HTML 30Page - Infineon Technologies AG C501 Datasheet HTML 31Page - Infineon Technologies AG C501 Datasheet HTML 32Page - Infineon Technologies AG C501 Datasheet HTML 33Page - Infineon Technologies AG C501 Datasheet HTML 34Page - Infineon Technologies AG C501 Datasheet HTML 35Page - Infineon Technologies AG C501 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
C501
Semiconductor Group
32
1997-04-01
Notes:
1)
Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the
VOL of ALE
and port 3. The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these
pins make 1-to-0 transitions during bus operation. In the worst case (capacitive loading > 100 pF), the noise
pulse on ALE line may exceed 0.8 V. In such cases it may be desirable to qualify ALE with a schmitt-trigger,
or use an address latch with a schmitt-trigger strobe input.
2)
Capacitive loading on ports 0 and 2 may cause the
VOH on ALE and PSEN to momentarily fall bellow the
0.9
VCC specification when the address lines are stabilizing.
3)
IPD (Power Down Mode) is measured under following conditions:
EA = Port0 = VCC; RESET = VSS; XTAL2 = N.C.; XTAL1 = VSS; all other pins are disconnected.
4)
ICC (active mode) is measured with:
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
EA = Port0 = RESET=
VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator is
used (appr. 1 mA).
5)
ICC (Idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VCC; all other pins are disconnected;
7)
ICC max at other frequencies is given by:
active mode:
ICC = 1.27 x fOSC + 5.73
idle mode:
ICC = 0.28 x fOSC + 1.45 (C501-L and C501-1R only)
where
fOSC is the oscillator frequency in MHz. ICC values are given in mA and measured at VCC = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com