Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 25Page - Infineon Technologies AG C501 Datasheet HTML 26Page - Infineon Technologies AG C501 Datasheet HTML 27Page - Infineon Technologies AG C501 Datasheet HTML 28Page - Infineon Technologies AG C501 Datasheet HTML 29Page - Infineon Technologies AG C501 Datasheet HTML 30Page - Infineon Technologies AG C501 Datasheet HTML 31Page - Infineon Technologies AG C501 Datasheet HTML 32Page - Infineon Technologies AG C501 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Semiconductor Group
29
1997-04-01
C501
Absolute Maximum Ratings
Ambient temperature under bias (
T
A) ......................................................... – 40 to 85 °C
Storage temperature (
T
stg) .......................................................................... – 65 °C to 150 °C
Voltage on
V
CC pins with respect to ground (VSS) ....................................... – 0.5 V to 6.5 V
Voltage on any pin with respect to ground (
V
SS) ......................................... – 0.5 V to VCC +0.5 V
Input current on any pin during overload condition..................................... – 10 mA to 10 mA
Absolute sum of all input currents during overload condition ..................... I 100 mA I
Power dissipation........................................................................................ TBD
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for longer
periods may affect device reliability. During overload conditions (
V
IN > VCC or VIN < VSS) the
Voltage on
V
CC pins with respect to ground (VSS) must not exceed the values defined by the
absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com