Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 9Page - Infineon Technologies AG C501 Datasheet HTML 10Page - Infineon Technologies AG C501 Datasheet HTML 11Page - Infineon Technologies AG C501 Datasheet HTML 12Page - Infineon Technologies AG C501 Datasheet HTML 13Page - Infineon Technologies AG C501 Datasheet HTML 14Page - Infineon Technologies AG C501 Datasheet HTML 15Page - Infineon Technologies AG C501 Datasheet HTML 16Page - Infineon Technologies AG C501 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Semiconductor Group
13
1997-04-01
C501
Functional Description
The C501 is fully compatible to the standard 8051 microcontroller family.
It is compatible with the 80C32/52/82C52. While maintaining all architectural and operational
characteristics of the 8051microcontroller family, the C501 incorporates some enhancements in the
timer 2 unit.
Figure 6 shows a block diagram of the C501.
Figure 6
Block Diagram of the C501
Port 3
Port 3
Port 2
Port 2
Port 1
Port 1
/O
Ι
8-Bit Digit.
Port 0
Port 0
RAM
RESET
ALE/PROG
PSEN
EA/
MCB03219
XTAL2
OSC & Timing
CPU
Timer 0
Timer 1
Timer 2
Interrupt Unit
Serial Channel
(USART)
C501
V
XTAL1
CC
SS
V
V
PP
256 x 8
C501-1R : ROM
C501-1E : OTP
8K x 8
8-Bit Digit.
Ι /O
8-Bit Digit.
Ι /O
8-Bit Digit.
Ι /O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com