Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 24Page - Infineon Technologies AG C501 Datasheet HTML 25Page - Infineon Technologies AG C501 Datasheet HTML 26Page - Infineon Technologies AG C501 Datasheet HTML 27Page - Infineon Technologies AG C501 Datasheet HTML 28Page - Infineon Technologies AG C501 Datasheet HTML 29Page - Infineon Technologies AG C501 Datasheet HTML 30Page - Infineon Technologies AG C501 Datasheet HTML 31Page - Infineon Technologies AG C501 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
C501
Semiconductor Group
28
1997-04-01
Figure 12
C501-1E OTP Memory Verification
MCS03235
Port 1
RESET
P3.6
P3.7
XTAL2
XTAL1
V
SS
CC
V
Port 0
V
PP
EA/
ALE/PROG
PSEN
P2.7
P2.6
P2.0 - P2.4
10 k
Ω
Programming
Data
1
1
0
0
0
Enable
A8 - A12
A0 - A7
1
4 - 6 MHz
C501-1E
1
1
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com