Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 32Page - Infineon Technologies AG C501 Datasheet HTML 33Page - Infineon Technologies AG C501 Datasheet HTML 34Page - Infineon Technologies AG C501 Datasheet HTML 35Page - Infineon Technologies AG C501 Datasheet HTML 36Page - Infineon Technologies AG C501 Datasheet HTML 37Page - Infineon Technologies AG C501 Datasheet HTML 38Page - Infineon Technologies AG C501 Datasheet HTML 39Page - Infineon Technologies AG C501 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
C501
Semiconductor Group
36
1997-04-01
AC Characteristics for C501-L24 / C501-1R24 / C501-1E24 (cont’d)
External Data Memory Characteristics
External Clock Drive Characteristics
Parameter
Symbol
Limit Values
Unit
24 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 24 MHz
min.
max.
min.
max.
RD pulse width
t
RLRH
180
–
6
t
CLCL – 70
–
ns
WR pulse width
t
WLWH
180
–
6
t
CLCL – 70
–
ns
Address hold after ALE
t
LLAX2
15
–
t
CLCL – 27
–
ns
RD to valid data in
t
RLDV
–
118
–
5
t
CLCL – 90
ns
Data hold after RD
t
RHDX
0
–
0–ns
Data float after RD
t
RHDZ
–63
–
2
t
CLCL – 20
ns
ALE to valid data in
t
LLDV
–
200
–
8
t
CLCL – 133
ns
Address to valid data in
t
AVDV
–
220
–
9
t
CLCL – 155
ns
ALE to WR or RD
t
LLWL
75
175
3
t
CLCL – 50
3
t
CLCL + 50
ns
Address valid to WR or RD
t
AVWL
67
–
4
t
CLCL –
97
–
ns
WR or RD high to ALE high
t
WHLH
17
67
t
CLCL – 25
t
CLCL + 25
ns
Data valid to WR transition
t
QVWX
5–
t
CLCL – 37
–
ns
Data setup before WR
t
QVWH
170
–
7
t
CLCL – 122
–
ns
Data hold after WR
t
WHQX
15
–
t
CLCL – 27
–
ns
Address float after RD
t
RLAZ
–
0
–0ns
Parameter
Symbol
Limit Values
Unit
Variable Clock
Freq. = 3.5 MHz to 24 MHz
min.
max.
Oscillator period
t
CLCL
41.7
285.7
ns
High time
t
CHCX
12
t
CLCL – tCLCX
ns
Low time
t
CLCX
12
t
CLCL – tCHCX
ns
Rise time
t
CLCH
–12
ns
Fall time
t
CHCL
–12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com