Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 17Page - Infineon Technologies AG C501 Datasheet HTML 18Page - Infineon Technologies AG C501 Datasheet HTML 19Page - Infineon Technologies AG C501 Datasheet HTML 20Page - Infineon Technologies AG C501 Datasheet HTML 21Page - Infineon Technologies AG C501 Datasheet HTML 22Page - Infineon Technologies AG C501 Datasheet HTML 23Page - Infineon Technologies AG C501 Datasheet HTML 24Page - Infineon Technologies AG C501 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Semiconductor Group
21
1997-04-01
C501
Serial Interface (USART)
The serial port is full duplex and can operate in four modes (one synchronous mode, three
asynchronous modes) as illustrated in table 6. The possible baudrates can be calculated using the
formulas given in table 7.
Table 6
USART Operating Modes
Mode
SCON
Baudrate
Description
SM0
SM1
00
0
f
OSC/12
Serial data enters and exits through R
×D.
T
×D outputs the shift clock. 8-bit are
transmitted/received (LSB first)
1
0
1
Timer 1/2 overflow rate
8-bit UART
10 bits are transmitted (through T
×D) or
received (R
×D)
21
0
f
OSC/32 or fOSC/64
9-bit UART
11 bits are transmitted (T
×D) or
received (R
×D)
3
1
1
Timer 1/2 overflow rate
9-bit UART
Like mode 2 except the variable baud rate
Table 7
Formulas for Calculating Baudrates
Baud Rate
derived from
Interface Mode
Baudrate
Oscillator
0
2
f
OSC/12
(2SMOD
× f
OSC) / 64
Timer 1 (16-bit timer)
(8-bit timer with
8-bit autoreload)
1,3
1,3
(2SMOD
× timer 1 overflow rate) /32
(2SMOD
× f
OSC) / (32 × 12 × (256-TH1))
Timer 2
1,3
f
OSC / (32 × (65536-(RC2H, RC2L))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com