Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 5Page - Infineon Technologies AG C501 Datasheet HTML 6Page - Infineon Technologies AG C501 Datasheet HTML 7Page - Infineon Technologies AG C501 Datasheet HTML 8Page - Infineon Technologies AG C501 Datasheet HTML 9Page - Infineon Technologies AG C501 Datasheet HTML 10Page - Infineon Technologies AG C501 Datasheet HTML 11Page - Infineon Technologies AG C501 Datasheet HTML 12Page - Infineon Technologies AG C501 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Semiconductor Group
9
1997-04-01
C501
P3.0 – P3.7 11,
13–19
11
13
14
15
16
17
18
19
10–17
10
11
12
13
14
15
16
17
5, 7–13
5
7
8
9
10
11
12
13
I/O
Port 3
is a quasi-bidirectional I/O port with
internal pull-up resistors. Port 3 pins that
have 1s written to them are pulled high by
the internal pull-up resistors, and in that
state they can be used as inputs. As
inputs, port 3 pins being externally pulled
low will source current (
I
IL, in the DC
characteristics) because of the internal
pull-up resistors. Port 3 also contains the
interrupt, timer, serial port 0 and external
memory strobe pins which are used by
various options. The output latch
corresponding to a secondary function
must be programmed to a one (1) for that
function to operate.
The secondary functions are assigned to
the pins of port 3, as follows:
P3.0
R
×D receiver data input (asyn-
chronous) or data input
output (synchronous) of
serial interface 0
P3.1
T
×D
transmitter data output
(asynchronous) or clock
output (synchronous) of
the serial interface 0
P3.2
INT0
interrupt 0 input/timer 0
gate control
P3.3
INT1
interrupt 1 input/timer 1
gate control
P3.4
T0
counter 0 input
P3.5
T1
counter 1 input
P3.6
WR
the write control signal lat-
ches the data byte from
port 0 into the external
data memory
P3.7
RD
the read control signal
enables the external data
memory to port 0
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com