Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 6Page - Infineon Technologies AG C501 Datasheet HTML 7Page - Infineon Technologies AG C501 Datasheet HTML 8Page - Infineon Technologies AG C501 Datasheet HTML 9Page - Infineon Technologies AG C501 Datasheet HTML 10Page - Infineon Technologies AG C501 Datasheet HTML 11Page - Infineon Technologies AG C501 Datasheet HTML 12Page - Infineon Technologies AG C501 Datasheet HTML 13Page - Infineon Technologies AG C501 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
C501
Semiconductor Group
10
1997-04-01
XTAL2
20
18
14
–
XTAL2
Output of the inverting oscillator
amplifier.
XTAL1
21
19
15
–
XTAL1
Input to the inverting oscillator amplifier
and input to the internal clock generator
circuits.
To drive the device from an external
clock source, XTAL1 should be driven,
while XTAL2 is left unconnected. There
are no requirements on the duty cycle of
the external clock signal, since the input
to the internal clocking circuitry is divided
down by a divide-by-two flip-flop.
Minimum and maximum high and low
times as well as rise fall times specified
in the AC characteristics must be
observed.
P2.0 – P2.7 24–31
21–28
18–25
I/O
Port 2
is a quasi-bidirectional I/O port with
internal pull-up resistors. Port 2 pins that
have 1s written to them are pulled high
by the internal pull-up resistors, and in
that state they can be used as inputs. As
inputs, port 2 pins being externally pulled
low will source current (
I
IL, in the DC
characteristics) because of the internal
pull-up resistors. Port 2 emits the high-
order address byte during fetches from
external program memory and during
accesses to external data memory that
use 16-bit addresses (MOVX @DPTR).
In this application it uses strong internal
pull-up resistors when issuing 1s. During
accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port
2 issues the contents of the P2 special
function register.
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com