Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 8Page - Infineon Technologies AG C501 Datasheet HTML 9Page - Infineon Technologies AG C501 Datasheet HTML 10Page - Infineon Technologies AG C501 Datasheet HTML 11Page - Infineon Technologies AG C501 Datasheet HTML 12Page - Infineon Technologies AG C501 Datasheet HTML 13Page - Infineon Technologies AG C501 Datasheet HTML 14Page - Infineon Technologies AG C501 Datasheet HTML 15Page - Infineon Technologies AG C501 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
C501
Semiconductor Group
12
1997-04-01
P0.0 – P0.7 43–36
39–32
37–30
I/O
Port 0
is an 8-bit open-drain bidirectional I/O
port. Port 0 pins that have 1s written to
them float, and in that state can be used
as high-impedance inputs. Port 0 is also
the multiplexed low-order address and
data bus during accesses to external
program or data memory. In this
application it uses strong internal pull-up
resistors when issuing 1s.
Port 0 also outputs the code bytes during
program verification in the C501-1R and
C501-1E. External pull-up resistors are
required during program verification.
V
SS
22
20
16
–
Circuit ground potential
V
CC
44
40
38
–
Supply terminal for all operating modes
N.C.
1, 12,
23, 34
–
6, 17,
28, 39
–
No connection
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com